Electronic Components Datasheet Search |
|
17AE-13090B-1750HC2-CA Datasheet(PDF) 7 Page - DDK Ltd. |
|
17AE-13090B-1750HC2-CA Datasheet(HTML) 7 Page - DDK Ltd. |
7 / 7 page Unit:mm 17AE Series http://www.ddknet.co.jp ◎ Specifications and/or dimenssions in this catalogue are subject to change without notice. Your catalogue checking the latest speifications with our drawings would be highly appreciated. ○ PCB Mounting Dimensions(Reference) Number of Contact B C D E G 9 24.99 10.98 1.373 15.98 4.51 15 33.32 19.20 1.371 24.20 4.56 25 47.04 33.12 1.380 38.12 4.46 Number of Contact BC D E G Tapping Type Board LockType 9 24.99 10.98 1.373 15.98 4.51 3.51 15 33.32 19.20 1.371 24.20 4.56 3.56 25 47.04 33.12 1.380 38.12 4.46 3.46 Part Number G H : PCB Thickness 17L-003 □ 26-CF 4.8 0.9 ∼ 1.3 17L-003 □ 32-CF 5.3 0.5 ∼ 0.8 Number of Contact B F 9 24.99 20.5 15 33.32 28.8 25 47.04 42.5 ● SMT Mounting Style ● DIP Mounting Style Tapping Ground Tab Style (17AE-□3□□ OA-9 □ 50 □□□ - □□) Tapping Ground Tab Type (17AE-□3□□ OA-1 □ 50 □□□ - □□) Board Lock GroundTab Style (17AE-□3□□ OA-9 □ E □□□□ - □□) Board Lock Ground Tab Type (17AE-□3□□ OA-1 □ E □□□□ - □□) Jack Socket Panel Cut-out Dimensions ● Jack Socket (Panel Mounting Type) Material/Finish :Copper Alloy/Nickel Plating □:Thread Size A:M2.6 0.45 B:M3 0.5 C:# 4-40UNC B 0.1 C 0.05 E 0.1 6.5 PCB Mounting Dimensions φ5.5 Land R2.8 Land (B) Land 4.0 Land 2.5 0.05 D 0.05 G 0.1 +0.1 0 φ1.55 hole 0.9 0.03 φ3.2 0.05 Through Hole φ3.2 0.05 Through Hole +0.1 0 φ1.55 hole B 0.1 C 0.05 E 0.1 2.5 0.05 D 0.05 G 0.1 0.9 0.03 6.5 PCB Mounting Dimensions φ5.5 Land (B) Land φ5.5 Land B 0.1 C 0.05 E 0.1 B 0.1 C 0.05 E 0.1 2.5 0.05 D 0.05 G 0.1 φ3.2 0.05 Through Hole φ0.8 0.08 Through Hole +0.1 0 φ1.55 hole +0.1 0 φ1.55 hole G 0.1 D 0.05 2.5 0.05 φ3.2 0.05 Through Hole φ0.8 0.08 5 10.3 G Thead Thread M30.5 Panel F(min.) 4-R3.4 10 2-3.2 0.1 hole B 0.1 7 |
Similar Part No. - 17AE-13090B-1750HC2-CA |
|
Similar Description - 17AE-13090B-1750HC2-CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |