Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1059DV33-10ZSXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1059DV33-10ZSXI
Description  8-Mbit (1M x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1059DV33-10ZSXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1059DV33-10ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1059DV33-10ZSXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY7C1059DV33
Document #: 001-00061 Rev. *D
Page 8 of 10
Truth Table
CE
OE
WE
IO0–IO7
Mode
Power
H
X
X
High-Z
Power Down
Standby (ISB)
L
L
H
Data Out
Read
Active (ICC)
L
X
L
Data In
Write
Active (ICC)
L
H
H
High-Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
Grade
10
CY7C1059DV33-10ZSXI
51-85087
44-pin TSOP II (Pb-Free)
Industrial
Standard
CY7C1059DV33-12ZSXQ
51-85087
44-pin TSOP II (Pb-Free)
Industrial
High reliability
(< 100 ppm)
12
CY7C1059DV33-12ZSXI
51-85087
44-pin TSOP II (Pb-Free)
Industrial
Standard
Contact your local Cypress sales representative for availability of these parts.
Package Diagrams
Figure 8. 44-Pin TSOP II (51-85087)
51-85087-*A
[+] Feedback


Similar Part No. - CY7C1059DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1059DV33-10ZSXI CYPRESS-CY7C1059DV33-10ZSXI Datasheet
470Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33-10ZSXI CYPRESS-CY7C1059DV33-10ZSXI Datasheet
315Kb / 9P
   8-Mbit (1M x 8) Static RAM
More results

Similar Description - CY7C1059DV33-10ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1059DV33 CYPRESS-CY7C1059DV33 Datasheet
470Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_07 Datasheet
315Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY62158E CYPRESS-CY62158E_09 Datasheet
330Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E_09 Datasheet
562Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com