Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C024-55AI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C024-55AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55AI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C024-55AI Datasheet HTML 7Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 8Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 9Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 10Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 11Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 12Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 13Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 14Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 11 of 21
Switching Waveforms
Notes
23. R/W is HIGH for read cycles
24. Device is continuously selected CE = VIL and UB or LB = VIL. This waveform cannot be used for semaphore reads.
25. OE = VIL.
26. Address valid prior to or coincident with CE transition LOW.
27. To access RAM, CE = VIL, UB or LB = VIL, SEM = VIH. To access semaphore, CE = VIH, SEM = VIL.
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
tOHA
Figure 4. Read Cycle No. 1 (Either Port Address Access)[23, 24, 25]
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
tLZCE
tPU
tPD
ISB
ICC
DATA OUT
OE
CE and
LB or UB
CURRENT
Figure 5. Read Cycle No. 2 (Either Port CE/OE Access)[23, 26, 27]
UB or LB
DATA OUT
tRC
ADDRESS
tAA
tOHA
CE
tLZCE
tABE
tHZCE
tHZCE
tACE
tLZCE
Figure 6. Read Cycle No. 3 (Either Port)[23, 25, 26, 26, 27]
[+] Feedback


Similar Part No. - CY7C024-55AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024-55AI CYPRESS-CY7C024-55AI Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55AI CYPRESS-CY7C024-55AI Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55AI CYPRESS-CY7C024-55AI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C024-55AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com