Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C024-55AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C024-55AI
Description  4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C024-55AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C024-55AI Datasheet HTML 1Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 2Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 3Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 4Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 5Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 6Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 7Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 8Page - Cypress Semiconductor CY7C024-55AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CY7C024/024A/0241
CY7C025/0251
Document #: 38-06035 Rev. *D
Page 2 of 21
Logic Block Diagram
L
L
L
OEL
A0L
R/WR
UBR
CE R
OE R
CE L
OE L
UB L
UB R
I/O 8L –I/O 15L
INTERRUPT
SEMAPHORE
ARBITRATION
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
SEM L
SEM R
BUSYL
INT L
INTR
M/S
CONTROL
I/O
LB L
LB R
I/O 0L – I/O 7L
R/W L
R/W R
LB
R
CE
R
OE R
A0R
I/O8R I/O15R
BUSYR
I/O 0R I/O 7R
(CY7C025/0251)
A12L
A12R (CY7C025/0251)
[2]
[2]
ADDRESS
DECODER
A11L
A11R
[3]
[4]
[3]
[4]
Pin Configurations
Figure 1. 84-Pin PLCC (Top View)
Notes
2. BUSY is an output in master mode and an input in slave mode.
3. I/O0 –I/O8 on the CY7C0241/0251.
4. I/O9 –I/O17 on the CY7C0241/0251.
5. A12L on the CY7C025/0251.
6. A12R on the CY7C025/0251.
A7L
A6L
A5L
A4L
A3L
A2L
INTL
BUSYL
M/S
BUSYR
A1R
A2R
I/O8L
I/O9L
I/O10L
I/O11L
I/O12L
I/O13L
I/O15L
VCC
I/O0R
I/O2R
I/O1R
I/O3R
I/O4R
I/O5R
A3R
A4R
A5R
A6R
I/O6R
I/O7R
I/O8R
I/O14L
A1L
A0L
GND
INTR
A0R
GND
GND
VCC
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
CY7C024/024A/025
[+] Feedback


Similar Part No. - CY7C024-55AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024-55AI CYPRESS-CY7C024-55AI Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55AI CYPRESS-CY7C024-55AI Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024-55AI CYPRESS-CY7C024-55AI Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C024-55AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024 Datasheet
702Kb / 20P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024_0411 CYPRESS-CY7C024_0411 Datasheet
522Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144 CYPRESS-CY7C144_09 Datasheet
657Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024AV CYPRESS-CY7C024AV_09 Datasheet
475Kb / 19P
   3.3V 4K/8K/16K x 16/18 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com