Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1303CV25-167BZXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1303CV25-167BZXC
Description  18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1303CV25-167BZXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1303CV25-167BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1303CV25-167BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
PRELIMINARY
CY7C1303CV25
CY7C1306CV25
Document #: 001-44701 Rev. *B
Page 3 of 21
Pin Configuration
The pin configurations for CY7C1303CV25 and CY7C1306CV25 follow.
165-Ball FBGA (13 x 15 x 1.4 mm) Pinout
CY7C1303CV25 (1M x 18)
1
2
3
4
5
6
7
8
9
10
11
A
NC
GND/144M
NC/36M
WPS
BWS1
K
NC
RPS
A
GND/72M
NC
B
NC
Q9
D9
A
NC
K
BWS0
ANC
NC
Q8
C
NC
NC
D10
VSS
AAA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
NC
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
AAA
VSS
NC
NC
D1
P
NC
NC
Q17
A
A
C
A
A
NC
D0
Q0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
CY7C1306CV25 (512K x 36)
1
2
3
4
5
6
7
8
9
10
11
A
NC
GND/288M
NC/72M
WPS
BWS2
K
BWS1
RPS
NC/36M
GND/144M
NC
B
Q27
Q18
D18
A
BWS3
KBWS0
AD17
Q17
Q8
C
D27
Q28
D19
VSS
AAA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
NC
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
AAA
VSS
Q10
D9
D1
P
Q35
D35
Q26
A
A
C
A
A
Q9
D0
Q0
R
TDO
TCK
A
A
A
C
AAA
TMS
TDI
[+] Feedback


Similar Part No. - CY7C1303CV25-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18-100BZC CYPRESS-CY7C1303AV18-100BZC Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18-133BZC CYPRESS-CY7C1303AV18-133BZC Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18-167BZC CYPRESS-CY7C1303AV18-167BZC Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1303CV25-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1305AV25 CYPRESS-CY7C1305AV25 Datasheet
333Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com