Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1356DV25-166BGC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1356DV25-166BGC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356DV25-166BGC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1356DV25-166BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 13Page - Cypress Semiconductor CY7C1356DV25-166BGC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
CY7C1354DV25
CY7C1356DV25
Document #: 001-48974 Rev. *A
Page 10 of 29
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1354DV25 and CY7C1356DV25 incorporates a serial
boundary scan test access port (TAP) in the BGA package only.
The TQFP package does not offer this functionality. This part
operates in accordance with IEEE Standard 1149.1-1900, but
does not have the set of functions required for full 1149.1
compliance. These functions from the IEEE specification are
excluded because their inclusion places an added delay in the
critical speed path of the SRAM. Note the TAP controller
functions in a manner that does not conflict with the operation of
other devices using 1149.1 fully compliant TAPs. The TAP
operates using JEDEC-standard 2.5V I/O logic levels.
The CY7C1354DV25 and CY7C1356DV25 contains a TAP
controller, instruction register, boundary scan register, bypass
register, and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, TCK must be tied LOW
(VSS) to prevent clocking of the device. TDI and TMS are inter-
nally pulled up and may be unconnected. They may alternately
be connected to VDD through a pull-up resistor. TDO should be
left unconnected. During power up, the device comes up in a
reset state which does not interfere with the operation of the
device.
Write cycle description for CY7C1356DV25 follows.
[1, 2, 3, 8]
Function
WE
BWb
BWa
Read
Hx
x
Write – No Bytes Written
L
H
H
Write Byte a
− (DQ
a and DQPa)
LHL
Write Byte b – (DQb and DQPb)
LL
H
Write Both Bytes
L
L
L
Notes
8. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.
9. The 0/1 next to each state represents the value of TMS at the rising edge of the TCK.
Figure 1. TAP Controller State Diagram[9]
TEST-LOGIC
RESET
RUN-TEST/
IDLE
SELECT
DR-SCAN
SELECT
IR-SCAN
CAPTURE-DR
SHIFT-DR
CAPTURE-IR
SHIFT-IR
EXIT1-DR
PAUSE-DR
EXIT1-IR
PAUSE-IR
EXIT2-DR
UPDATE-DR
EXIT2-IR
UPDATE-IR
1
1
1
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
1
0
1
1
0
1
0
1
1
1
1
0
[+] Feedback


Similar Part No. - CY7C1356DV25-166BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356A CYPRESS-CY7C1356A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1356A-100AC CYPRESS-CY7C1356A-100AC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-100ACI CYPRESS-CY7C1356A-100ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1356A-100BGC CYPRESS-CY7C1356A-100BGC Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1356A-100BGCI CYPRESS-CY7C1356A-100BGCI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1356DV25-166BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com