Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1361C-133AJXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1361C-133AJXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133AJXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1361C-133AJXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1361C-133AJXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CY7C1361C
CY7C1363C
Document #: 38-05541 Rev. *F
Page 6 of 31
Pin Configurations (continued)
165-Ball FBGA Pinout (3 Chip Enable)
CY7C1361C (256K x 36)
2
3
4
567
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
DQPC
DQC
DQPD
NC
DQD
CE1
BWB
CE3
BWC
BWE
A
CE2
DQC
DQD
DQD
MODE
NC
DQC
DQC
DQD
DQD
DQD
NC/36M
NC/72M
VDDQ
BWD
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
VSS
TDI
A
A
DQC
VSS
DQC
VSS
DQC
DQC
VSS
VSS
VSS
VSS
VSS
NC
VSS
A1
DQD
DQD
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
NC
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPB
VDDQ
VDD
DQB
DQB
DQB
NC
DQB
NC
DQA
DQA
VDD
VDDQ
VDD
VDDQ
DQB
VDD
NC
VDD
DQA
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
DQA
VDDQ
A
A
VSS
A
A
A
DQB
DQB
DQB
ZZ
DQA
DQA
DQPA
DQA
A
VDDQ
A
CY7C1363C (512K x 18)
A0
A
VSS
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
TDO
NC/288M
NC/144M
NC
NC
DQPB
VSS
DQB
ACE1
NC
CE3
BWB
BWE
A
CE2
NC
DQB
DQB
MODE
NC
DQB
DQB
NC
NC
NC
NC/36M
NC/72M
VDDQ
NC
BWA
CLK
GW
VSS
VSS
VSS
VSS
VDDQ
VSS
VDD
VSS
VSS
VSS
NC/18M
VSS
VSS
VSS
VSS
VDDQ
VDDQ
NC
VDDQ
VDDQ
VDDQ
VDDQ
A
A
VDD
VSS
VDD
VSS
VSS
VDDQ
VDD
VSS
VDD
VSS
VDD
VSS
VSS
VSS
VDD
VDD
VSS
VDD
VSS
VSS
NC
TCK
A0
VSS
TDI
A
A
DQB
VSS
NC
VSS
DQB
NC
VSS
VSS
VSS
VSS
VSS
NC
VSS
A1
DQB
NC
NC
NC
VDDQ
VSS
TMS
89
10
11
A
ADV
A
ADSC
A
OE
ADSP
A
NC/576M
VSS
VDDQ
NC/1G
DQPA
VDDQ
VDD
NC
DQA
DQA
NC
NC
NC
DQA
NC
VDD
VDDQ
VDD
VDDQ
DQA
VDD
NC
VDD
NC
VDD
VDDQ
DQA
VDDQ
VDD
VDD
VDDQ
VDD
VDDQ
NC
VDDQ
A
A
VSS
A
A
A
DQA
NC
NC
ZZ
DQA
NC
NC
DQA
A
VDDQ
A
NC/18M


Similar Part No. - CY7C1361C-133AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133AJXC CYPRESS-CY7C1361C-133AJXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133AJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C CYPRESS-CY7C1363C Datasheet
476Kb / 30P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com