Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1354DV25-166BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1354DV25-166BZC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354DV25-166BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1354DV25-166BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1354DV25-166BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CY7C1354DV25
CY7C1356DV25
Document #: 001-48974 Rev. *A
Page 11 of 29
Test Access Port (TAP)
Test Clock (TCK)
The test clock is used only with the TAP controller. All inputs are
captured on the rising edge of TCK. All outputs are driven from
the falling edge of TCK.Test MODE SELECT (TMS)
The TMS input is used to give commands to the TAP controller
and is sampled on the rising edge of TCK. It is allowable to leave
this ball unconnected if the TAP is not used.
The ball is pulled up internally, resulting in a logic HIGH level.
Test Data-In (TDI)
The TDI ball is used to serially input information into the registers
and can be connected to the input of any of the registers. The
register between TDI and TDO is chosen by the instruction that
is loaded into the TAP instruction register. For information on
loading the instruction register, see Figure 1. TDI is internally
pulled up and can be unconnected if the TAP is unused in an
application. TDI is connected to the most significant bit (MSB) of
any register. (See Figure 2.)
Test Data-Out (TDO)
The TDO output ball is used to serially clock data-out from the
registers. The output is active depending upon the current state
of the TAP state machine. The output changes on the falling edge
of TCK. TDO is connected to the least significant bit (LSB) of any
register. (See Figure 1.)
Performing a TAP Reset
A RESET is performed by forcing TMS HIGH (VDD) for five rising
edges of TCK. This RESET does not affect the operation of the
SRAM and may be performed while the SRAM is operating.
During power up, the TAP is reset internally to ensure that TDO
comes up in a High-Z state.
TAP Registers
Registers are connected between the TDI and TDO balls and
allow data to be scanned into and out of the SRAM test circuitry.
Only one register can be selected at a time through the
instruction register. Data is serially loaded into the TDI ball on the
rising edge of TCK. Data is output on the TDO ball on the falling
edge of TCK.
Instruction Register
Three-bit instructions can be serially loaded into the instruction
register. This register is loaded when it is placed between the TDI
and TDO balls as shown in TAP Controller Block Diagram.
During power up, the instruction register is loaded with the
IDCODE instruction.
It is also loaded with the IDCODE instruction if the controller is
placed in a reset state as described in the previous section.
When the TAP controller is in the Capture-IR state, the two least
significant bits are loaded with a binary “01” pattern to allow for
fault isolation of the board-level serial test data path.
Bypass Register
To save time when serially shifting data through registers, it is
sometimes advantageous to skip certain chips. The bypass
register is a single-bit register that can be placed between the
TDI and TDO balls. This allows data to be shifted through the
SRAM with minimal delay. The bypass register is set LOW (VSS)
when the BYPASS instruction is executed.
Boundary Scan Register
The boundary scan register is connected to all the input and
bidirectional balls on the SRAM.
The boundary scan register is loaded with the contents of the
RAM I/O ring when the TAP controller is in the Capture-DR state
and is then placed between the TDI and TDO balls when the
controller is moved to the Shift-DR state. The EXTEST,
SAMPLE/PRELOAD and SAMPLE Z instructions can be used to
capture the contents of the I/O ring.
The Boundary Scan Order tables show the order in which the bits
are connected. Each bit corresponds to one of the bumps on the
SRAM package. The MSB of the register is connected to TDI,
and the LSB is connected to TDO.
Identification (ID) Register
The ID register is loaded with a vendor-specific, 32-bit code
during the Capture-DR state when the IDCODE command is
loaded in the instruction register. The IDCODE is hardwired into
the SRAM and can be shifted out when the TAP controller is in
the Shift-DR state. The ID register has a vendor code and other
information described in the Identification Register Definitions
table.
Figure 2. TAP Controller Block Diagram
Bypass Register
0
Instruction Register
0
1
2
Identification Register
0
1
2
29
30
31
.
.
.
Boundary Scan Register
0
1
2
.
.
x
.
.
.
Selection
Circuitry
Selection
Circuitry
TCK
TMS
TAP CONTROLLER
TDI
TD O
[+] Feedback


Similar Part No. - CY7C1354DV25-166BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A-100ACI CYPRESS-CY7C1354A-100ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A-100BGCI CYPRESS-CY7C1354A-100BGCI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A-133ACI CYPRESS-CY7C1354A-133ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1354DV25-166BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com