Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C145-25AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C145-25AI
Description  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C145-25AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C145-25AI Datasheet HTML 1Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 2Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 3Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 4Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 5Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 6Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 7Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 8Page - Cypress Semiconductor CY7C145-25AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 2 of 20
Pin Configuration
Figure 1. 68-Pin PLCC (Top View)
Figure 2. 64-Pin TQFP (Top View)
Figure 3. 80-Pin TQFP (Top View)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
67
60
59
58
57
56
55
54
53
52
51
50
49
48
3132 33 34 35 36 37 38 39 40 41 42 43
5 4321 68
66 65 64 63 62 61
A4L
A3L
A2L
A1L
A0L
INTL
BUSYL
GND
M/S
BUSYR
INTR
A0R
IO 2L
IO 3L
IO 4L
IO 5L
GND
IO 6L
IO 7L
VCC
GND
IO 0R
IO 1R
IO 2R
VCC
2728 29 30
98 7 6
47
46
45
44
A1R
A2R
A3R
A4R
IO 3R
IO 4R
IO 5R
IO 6R
25
26
A5L
CY7C144/5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
16
IO 2L
IO 3L
IO 4L
IO 5L
IO 6L
IO 7L
VCC
GND
IO 0R
IO 1R
IO 2R
IO 3R
IO 4R
IO 5R
GND
VCC
A4L
A3L
A2L
A1L
A0L
GND
BUSYL
BUSYR
M/S
A0R
A1R
A2R
A3R
A4R
INTL
INTR
CY7C144
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
17
16
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
44
45
43
42
41
I/O 2L
I/O 3L
I/O 4L
I/O 5L
I/O 6L
I/O 7L
VCC
GND
I/O0R
I/O1R
2R
I/O 3R
I/O 4R
5R
GND
V CC
A5L
A4L
A3L
A2L
A1L
A0L
GND
BUSYL
M/S
A0R
A1R
A2R
A3R
A4R
INTL
I/O 6R
CY7C145
BUSYR
INTR
NC
NC
NC
NC
NC
I/O
I/O
NC
Notes:
3. I/O8R on the CY7C145.
4. I/O8L on the CY7C145.
[+] Feedback


Similar Part No. - CY7C145-25AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145-25AI CYPRESS-CY7C145-25AI Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145-25AI CYPRESS-CY7C145-25AI Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Similar Description - CY7C145-25AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
   8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
   8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
   8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
   4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
   16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
   4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
   4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com