Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1581 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC1581
Description  Micropower Voltage Mode PWM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1581 Datasheet(HTML) 4 Page - Texas Instruments

  UCC1581 Datasheet HTML 1Page - Texas Instruments UCC1581 Datasheet HTML 2Page - Texas Instruments UCC1581 Datasheet HTML 3Page - Texas Instruments UCC1581 Datasheet HTML 4Page - Texas Instruments UCC1581 Datasheet HTML 5Page - Texas Instruments UCC1581 Datasheet HTML 6Page - Texas Instruments UCC1581 Datasheet HTML 7Page - Texas Instruments UCC1581 Datasheet HTML 8Page - Texas Instruments UCC1581 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
UCC1581
UCC2581
UCC3581
The UCC3581’s oscillator allows the user the flexibility to
program the frequency and the duty cycle by adjusting
two resistors and a capacitor. Application Diagram Fig. 1
shows these components as RT1, RT2, and CT. RT1 pro-
grams the timing capacitor charging current which results
in a linear ramp charging CT. Discharge of CT is accom-
plished though RT2 which results in a standard RC dis-
charge waveform. The oscillator on-time (CT charging) is
calculated by the formula
tRT
C
ON
T
=•
0 082
1
.
.
The off-time (CT discharging) is calculated by the formula
tRT
C
OFF
T
=•
095
1
.
.
Resistor RT1 programs the charging current. The current
is
2.0V
RT1
.
CT charging current is 9.2 times the current in RT1. RT1
can range from 220k
Ω to 1MΩ. Minimum capacitor size
is 100pF, and minimum RT2 size is 10k.
A Block Diagram of the Oscillator is shown in Fig. 2. The
oscillator also has an external synchronization pin.
When a low to high level is detected, and if the oscilla-
tor’s output is in the high state (CT charging), the oscilla-
tor
output
immediately
goes
low
and
CT
starts
discharging. The sync input is rising edge sensitive and
is ignored when the oscillator output is low.
APPLICATION INFORMATION
1
3
2
14
C
T
RT2
V
IN
1
µF
D2
4
Q1
5
6
1
µF
7
T1
R
L
REF &
E/A
U1
CT
GT
VDD
OUT
GND
REF
ISEN
V
IN
8
VC
9
DCMIN
10
SS
11
EN
U1
REF
REF
C
SS
12
RT1
13
SYNC
RT2
RT1
REF
UCC3581
D1
BSS129 OR
EQUIV.
Figure 1. Application diagram.
UDG-99043
Figure 2. Oscillator.
UDG-96105


Similar Part No. - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI1-UCC1581 Datasheet
934Kb / 16P
[Old version datasheet]   Micropower Voltage Mode PWM
UCC1581J TI1-UCC1581J Datasheet
934Kb / 16P
[Old version datasheet]   Micropower Voltage Mode PWM
UCC1581 TI1-UCC1581_13 Datasheet
934Kb / 16P
[Old version datasheet]   Micropower Voltage Mode PWM
More results

Similar Description - UCC1581

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1581 TI1-UCC1581_13 Datasheet
934Kb / 16P
[Old version datasheet]   Micropower Voltage Mode PWM
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681_05 Datasheet
205Kb / 9P
   Voltage-Mode PWM Controllers
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
   VOLTAGE - MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com