Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1411BV18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1411BV18
Description  36-Mbit QDR-II SRAM 4-Word Burst Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1411BV18 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1411BV18_09 Datasheet HTML 3Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 4Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 5Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 6Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 7Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 8Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 9Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 10Page - Cypress Semiconductor CY7C1411BV18_09 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CY7C1411BV18, CY7C1426BV18
CY7C1413BV18, CY7C1415BV18
Document Number: 001-07037 Rev. *D
Page 7 of 30
CQ
Echo Clock
CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the QDR-II. In the single clock mode, CQ is generated with respect to K. The timings
for the echo clocks are shown in the AC timing table.
CQ
Echo Clock
CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock
for output data (C) of the QDR-II. In the single clock mode, CQ is generated with respect to K. The timings
for the echo clocks are shown in the AC timing table.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus
impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor connected
between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
DLL Turn Off
− Active LOW. Connecting this pin to ground turns off the DLL inside the device. The
timings in the DLL turned off operation differs from those listed in this data sheet. For normal operation,
this pin can be connected to a pull up through a 10 K
Ω or less pull up resistor. The device behaves in
QDR-I mode when the DLL is turned off. In this mode, the device can be operated at a frequency of up
to 167 MHz with QDR-I timing.
TDO
Output
TDO for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/72M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
IO
Pin Description
[+] Feedback


Similar Part No. - CY7C1411BV18_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1411BV18_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18 Datasheet
644Kb / 26P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com