Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C146-45NC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C146-45NC
Description  2K x 8 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C146-45NC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C146-45NC Datasheet HTML 1Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 2Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 3Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 4Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 5Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 6Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 7Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 8Page - Cypress Semiconductor CY7C146-45NC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *E
Page 4 of 15
Capacitance
This parameter is guaranteed but not tested.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
15
pF
COUT
Output Capacitance
10
pF
Figure 3. AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 893
Ω
R2
347
Ω
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
90%
10%
<5 ns
<5 ns
5V
OUTPUT
R1 893
Ω
R2
347
Ω
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.4V
Equivalent to:
THÉVENIN EQUIVALENT
5V
281
Ω
30 pF
BUSY
OR
INT
BUSY Output Load
(CY7C132/CY7C136 Only)
10%
ALL INPUT PULSES
250
Ω
Switching Characteristics
Over the Operating Range (Speeds -15, -25, -30) [8]
Parameter
Description
7C136-15 [4]
7C146-15
7C132-25 [4]
7C136-25
7C142-25
7C146-25
7C132-30
7C136-30
7C142-30
7C146-30
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tRC
Read Cycle Time
15
25
30
ns
tAA
Address to Data Valid [9]
15
25
30
ns
tOHA
Data Hold from Address Change
0
00
ns
tACE
CE LOW to Data Valid [9]
15
25
30
ns
tDOE
OE LOW to Data Valid [9]
10
15
20
ns
tLZOE
OE LOW to Low Z [7, 10]
3
33
ns
tHZOE
OE HIGH to High Z [7, 10, 11]
10
15
15
ns
tLZCE
CE LOW to Low Z [7, 10]
3
55
ns
tHZCE
CE HIGH to High Z [7, 10, 11]
10
15
15
ns
tPU
CE LOW to Power Up [7]
0
00
ns
tPD
CE HIGH to Power Down [7]
15
25
25
ns
Shaded areas contain preliminary information.
Notes
8. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V and output loading of the specified IOL/IOH,
and 30 pF load capacitance.
9. AC test conditions use VOH = 1.6V and VOL = 1.4V.
10. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
11. tLZCE, tLZWE, tHZOE, tLZOE, tHZCE, and tHZWE are tested with CL = 5pF as in (b) of AC Test Loads and Waveforms. Transition is measured ± 500 mV from steady state
voltage.
[+] Feedback


Similar Part No. - CY7C146-45NC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146-45NC CYPRESS-CY7C146-45NC Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
CY7C146-45NC CYPRESS-CY7C146-45NC Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C146-45NC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com