Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6115AIBZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6115AIBZ-T
Description  12V Power Distribution Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6115AIBZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6115AIBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6115AIBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN6855.0
February 25, 2009
Description and Operation
The ISL6115A is targeted for +12V single power supply
distribution control for generic hot swap switching
applications.
This ICs features a highly accurate programmable current
regulation (CR) level with programmable time delay to
latch-off, and programmable soft-start turn-on ramp all set
with a minimum of external passive components. It also
includes severe OC protection that immediately shuts down
the MOSFET switch should a rapid load current transient such
as with a dead short cause the CR Vth to exceed the
programmed level by 150mV. Additionally, it has an UV
indicator and an OC latch indicator. The functionality of the
PGOOD feature is enabled once the IC is biased, monitoring
and reporting any UV condition on the ISEN pin.
Upon initial power-up, the IC can either isolate the voltage
supply from the load by holding the external N-Channel
MOSFET switch off or apply the supply rail voltage directly to
the load for true hot swap capability. The PWRON pin must
be pulled low for the device to isolate the power supply from
the load by holding the external N-Channel MOSFET off.
With the PWRON pin held high or floating the IC will be in
true hot swap mode. In both cases the IC turns on in a
soft-start mode protecting the supply rail from sudden inrush
current.
At turn-on, the external gate capacitor of the N-Channel
MOSFET is charged with a 11µA current source resulting in
a programmable ramp (soft-start turn-on). The internal
ISL6115A charge pump supplies the gate drive for the 12V
supply switch driving that gate to ~VDD +6.5V. Load current
passes through the external current sense resistor. When the
voltage across the sense resistor exceeds the user
programmed CR voltage threshold value, (see Table 1 for
RISET programming resistor value and resulting nominal
current regulation threshold voltage, VCR) the controller
enters its current regulation mode. At this time, the time-out
capacitor, on CTIM pin is charged with a 20µA current source
and the controller enters the current limit time to latch-off
period. The length of the current limit time to latch-off duration
is set by the value of a single external capacitor (see Table 2)
for CTIM capacitor value and resulting nominal current limited
time-out to latch-off duration placed from the CTIM pin (pin 6)
to ground. The programmed current level is held until either
the OC event passes or the time-out period expires. If the
former is the case then the N-Channel MOSFET is fully
enhanced and the CTIM capacitor is discharged. Once CTIM
charges to ~1.8V signaling that the time-out period has
expired, an internal latch is set whereby the FET gate is
quickly pulled to 0V turning off the N-Channel MOSFET
switch, isolating the faulty load.
This IC responds to a severe overcurrent load (defined as a
voltage across the sense resistor >150mV over the OC Vth set
point) by immediately driving the N-Channel MOSFET gate to
0V in about 10µs. The gate voltage is then slowly ramped up
turning on the N-Channel MOSFET to the programmed current
regulation level; this is the start of the time-out period.
Upon a UV condition, the PGOOD signal will pull low when
connected through a resistor to the logic or VDD supply. This
pin is a UV fault indicator. For an OC latch-off indication,
monitor CTIM, pin 6. This pin will rise rapidly from 1.8V to
VDD once the time-out period expires.
See Figures 2 through 13 for graphs and waveforms related
to text.
The IC is reset after an OC latch-off condition by a low level
on the PWRON pin and is turned on by the PWRON pin
being driven high.
Application Considerations
Design applications where the CR Vth is set extremely low
(25mV or less), there is a two-fold risk to consider.
• There is the susceptibility to noise influencing the absolute
CR Vth value. This can be addressed with a 100pF
capacitor across the RSET resistor.
• Due to common mode limitations of the overcurrent
comparator, the voltage on the ISET pin must be 20mV
above the IC ground either initially (from ISET*RSET) or
before CTIM reaches time-out (from gate charge-up). If
this does not happen, the IC may incorrectly report
overcurrent fault at start-up when there is no fault. Circuits
with high load capacitance and initially low load current
are susceptible to this type of unexpected behavior.
Do not signal nor pull-up the PWRON input to > 5V.
Exceeding 6V on this pin will cause the internal charge pump
to malfunction.
During the soft-start and the time-out delay duration with the
IC in its current limit mode, the VGS of the external N-Channel
MOSFET is reduced driving the MOSFET switch into a (linear
TABLE 1. RISET PROGRAMMING RESISTOR VALUE
RISET RESISTOR
NOMINAL CR VTH
10k
Ω
200mV
4.99k
Ω
100mV
2.5k
Ω
50mV
1.25k
Ω
25mV
NOTE: Nominal Vth = RISET x 20µA.
TABLE 2. CTIM CAPACITOR VALUE
CTIM CAPACITOR
NOMINAL CURRENT LIMITED PERIOD
0.022µF
2ms
0.047µF
4.4ms
0.1µF
9.3ms
NOTE: Nominal time-out period = CTIM x 93kΩ.
ISL6115A


Similar Part No. - ISL6115AIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115AIBZ-T INTERSIL-ISL6115AIBZ-T Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115AIBZ-T RENESAS-ISL6115AIBZ-T Datasheet
503Kb / 10P
   12V Power Distribution Controllers
More results

Similar Description - ISL6115AIBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
logo
Renesas Technology Corp
ISL6115A RENESAS-ISL6115A Datasheet
503Kb / 10P
   12V Power Distribution Controllers
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com