Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C146-45JI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C146-45JI
Description  2K x 8 Dual-Port Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C146-45JI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C146-45JI Datasheet HTML 1Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 2Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 3Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 4Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 5Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 6Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 7Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 8Page - Cypress Semiconductor CY7C146-45JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *E
Page 3 of 15
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
(Pin 48 to Pin 24)
.................................................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−3.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
5V ± 10%
Industrial
–40°C to +85°C
5V ± 10%
Notes
5. BUSY and INT pins only.
6. Duration of the short circuit should not exceed 30 seconds.
7. At f = fMAX, address and data inputs are cycling at the maximum frequency of read cycle of 1/trc and using AC Test Waveforms input levels of GND to 3V.
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
7C136-15[4]
7C146-15
7C132-30[4]
7C136-25, 30
7C142-30
7C146-25, 30
7C132-35,45
7C136-35,45
7C142-35,45
7C146-35,45
7C132-55
7C136-55
7C136A-55
7C142-55
7C146-55
Unit
Min
Max
Min
Max
Min
Max
Min
Max
VOH
Output HIGH
voltage
VCC = Min., IOH = –4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
voltage
IOL = 4.0 mA
0.4
0.4
0.4
0.4
V
IOL = 16.0 mA
[5]
0.5
0.5
0.5
0.5
VIH
Input HIGH
voltage
2.2
2.2
2.2
2.2
V
VIL
Input LOW
voltage
0.8
0.8
0.8
0.8
V
IIX
Input load current GND < VI < VCC
–5
+5
−5+5
−5+5
−5+5
μA
IOZ
Output leakage
current
GND < VO < VCC, Output Disabled
–5
+5
−5+5
−5+5
−5+5
μA
IOS
Output short
circuit current[6]
VCC = Max., VOUT = GND
–350
−350
−350
−350 mA
ICC
VCC Operating
Supply Current
CE = VIL, Outputs Open,
f = fMAX
[7]
Com’l/
Ind’l
190
170
120
110
mA
ISB1
Standby current
both ports, TTL
Inputs
CEL and CER > VIH,
f = fMAX
[7]
Com’l/
Ind’l
75
65
45
35
mA
ISB2
Standby Current
One Port,
TTL Inputs
CEL or CER > VIH,
Active Port Outputs Open,
f = fMAX
[7]
Com’l/
Ind’l
135
115
90
75
mA
ISB3
Standby Current
Both Ports,
CMOS Inputs
Both Ports CEL and
CER > VCC – 0.2V, VIN > VCC – 0.2V
or VIN < 0.2V, f = 0
Com’l/
Ind’l
15
15
15
15
mA
ISB4
Standby Current
One Port,
CMOS Inputs
One Port CEL or CER > VCC – 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
Active Port Outputs Open, f = fMAX
[7]
Com’l/
Ind’l
125
105
85
70
mA
Shaded areas contain preliminary information.
[+] Feedback


Similar Part No. - CY7C146-45JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C146-45JI CYPRESS-CY7C146-45JI Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
CY7C146-45JI CYPRESS-CY7C146-45JI Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C146-45JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
CG5982AF CYPRESS-CG5982AF Datasheet
215Kb / 12P
   2K x 8 Automotive Dual-port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com