Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6174IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6174IRZ
Description  Dual Low Voltage Circuit Breaker
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6174IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6174IRZ Datasheet HTML 7Page - Intersil Corporation ISL6174IRZ Datasheet HTML 8Page - Intersil Corporation ISL6174IRZ Datasheet HTML 9Page - Intersil Corporation ISL6174IRZ Datasheet HTML 10Page - Intersil Corporation ISL6174IRZ Datasheet HTML 11Page - Intersil Corporation ISL6174IRZ Datasheet HTML 12Page - Intersil Corporation ISL6174IRZ Datasheet HTML 13Page - Intersil Corporation ISL6174IRZ Datasheet HTML 14Page - Intersil Corporation ISL6174IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6830.0
December 19, 2008
Current Set Resistor (RSET)
This resistor sets the threshold for the Circuit Breaker
comparator in conjunction with RSNS. Once RSNS has been
selected, use Equation 1 to calculate RSET. Use 20µA for
ISET in a typical application.
Reference Current Set Resistor (RREF)
This resistor sets up the current in the internal current
source, IREF/4, shown in Figure 2 for the comparators. The
voltage at the OCREF pin is the same as the internal
bandgap reference. The current (IREF) flowing through this
resistor is simply:
IREF = 1.178/RREF
This current, IREF, should be set at 80µA to force 20µA in the
internal current source as shown in Figure 2, because of the
4:1 current mirror. This equates to the resistor value of
14.7k.
Selection of Rs1 and Rs2
These resistors set the UV detect point. The UV comparator
detects the undervoltage condition when it sees the voltage
at UV pin drop below 0.633V. The resistor divider values
should be selected accordingly.
Charge Pump Capacitor Selection (CP and CV)
CP is the “flying cap” and CV is the smoothing cap of the
charge pump, which operates at 450kHz set internally. The
output resistance of the charge pump, which affects the
regulation, is dependent on the CP value and its ESR,
charge-pump switch resistance, and the frequency and ESR
of the smoothing cap, CV.
It is recommended that CP be kept within 0.022µF
(minimum) to 0.1µF (maximum) range. Only ceramic
capacitors are recommended. Use 0.1µF cap if CPVDD
output is expected to power an external circuit, in which case
the current draw from CPVDD must be kept below 10mA.
CV should at least be 0.47µF (ceramic only). Higher values
may be used if low ripple performance is desired.
Time-out Capacitor Selection (CT)
This capacitor determines the current regulation delay
period. As shown in Figure 2, when the voltage across this
capacitor exceeds 1.178V, the time-out comparator detects it
and the gate voltage is pulled to 0V thus shutting down the
channel. An internal 10µA current source charges this
capacitor. Hence, the value of this capacitor is determined by
Equation 2.
Where,
TOUT = Desired time-out period.
Soft-Start Capacitor Selection (CSS)
The rate of change of voltage (dv/dt) on this capacitor, which
is determined by the internal 10µA current source, is the
same as that on the output load capacitance. Hence, the
value of this capacitor directly controls the inrush current
amplitude during hot swap operation.
Where,
CO = Load Capacitance
IINRUSH = Desired Inrush Current
IINRUSH is the sum of the DC steady-state load current and
the load capacitance charging current. If the DC steady-state
load remains disabled until after the soft-start period expires
(PGx could be used as a load enable signal, for example),
then only the capacitor charging current should be used as
IINRUSH. The Css value should always be more than (1/2.4)
of that of Ciss of the MOSFET to ensure proper soft-start
operation. This is because the Ciss is charged from 24µA
current source, whereas the Css gets charged from a 10µA
current source (Figure 15). In order to make sure both VSS
and VO track during the soft-start, this condition is
necessary.
ISL6174 Evaluation Platform
The ISL617XEVAL1Z is the primary evaluation board for this
IC. For the BOM, schematic and photograph, see the “BOM
for ISL617XEVAL1Z Board and Schematic” on page 15.
The evaluation board has been designed with a typical
application in mind and with accessibility to all the featured
pins to enable a user to understand and verify these features
of the IC. The two circuit breaker levels are programmed to
2.2A for each input rail but they can easily be scaled up or
down by adjusting some component values.
There are two input voltages, one for each channel that are
switched by a dual N-Channel MOSFET (Q1) to the output
connectors.
LOAD CURRENT CARRYING
TRACES
RSNS
CURRENT
SENSE
TRACES
FIGURE 17. RECOMMENDED CURRENT SENSE RESISTOR
PCB LAYOUT
C
T
10
μAT
OUT
() 1.178
=
(EQ. 2)
C
SS
C
O
10
μAI
INRUSH
()
=
(EQ. 3)
ISL6174


Similar Part No. - ISL6174IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6174IRZ INTERSIL-ISL6174IRZ Datasheet
349Kb / 16P
   Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Renesas Technology Corp
ISL6174IRZ RENESAS-ISL6174IRZ Datasheet
765Kb / 16P
   Dual Low Voltage Circuit Breaker
More results

Similar Description - ISL6174IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6174IRZ INTERSIL-ISL6174IRZ Datasheet
349Kb / 16P
   Dual Low Voltage Circuit Breaker
December 19, 2008
logo
Renesas Technology Corp
ISL6174 RENESAS-ISL6174 Datasheet
765Kb / 16P
   Dual Low Voltage Circuit Breaker
logo
NTE Electronics
NTE7155 NTE-NTE7155 Datasheet
33Kb / 3P
   Integrated Circuit Dual Low-Voltage Power Amplifier
logo
STMicroelectronics
CBTVS2A16-1F3 STMICROELECTRONICS-CBTVS2A16-1F3 Datasheet
188Kb / 6P
   Circuit breaker with transient voltage suppressor
April 2015 Rev 1
CBTVS2A12-1F3 STMICROELECTRONICS-CBTVS2A12-1F3 Datasheet
475Kb / 7P
   Circuit breaker with transient voltage suppressor
May 2014 Rev 1
logo
NTE Electronics
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
   Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com