Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1425JV18-267BZXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1425JV18-267BZXC
Description  36-Mbit QDR-II SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1425JV18-267BZXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1425JV18-267BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1425JV18-267BZXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CY7C1410JV18, CY7C1425JV18
CY7C1412JV18, CY7C1414JV18
Document #: 001-12561 Rev. *F
Page 8 of 26
Functional Overview
The CY7C1410JV18, CY7C1425JV18, CY7C1412JV18, and
CY7C1414JV18 are synchronous pipelined Burst SRAMs with a
read port and a write port. The read port is dedicated to read
operations and the write port is dedicated to write operations.
Data flows into the SRAM through the write port and flows out
through the read port. These devices multiplex the address
inputs to minimize the number of address pins required. By
having separate read and write ports, the QDR-II eliminates the
need to ‘turnaround’ the data bus and avoids any possible data
contention, thereby simplifying system design. Each access
consists
of
two
8-bit
data
transfers
in
the
case
of
CY7C1410JV18, two 9-bit data transfers in the case of
CY7C1425JV18, two 18-bit data transfers in the case of
CY7C1412JV18, and two 36-bit data transfers in the case of
CY7C1414JV18 in one clock cycle.
This device operates with a read latency of one and half cycles
when DOFF pin is tied HIGH. When DOFF pin is set LOW or
connected to VSS, the device behaves in QDR-I mode with a read
latency of one clock cycle.
Accesses for both ports are initiated on the rising edge of the
positive input clock (K). All synchronous input timing is
referenced from the rising edge of the input clocks (K and K) and
all output timing is referenced to the rising edge of the output
clocks (C and C, or K and K when in single clock mode).
All synchronous data inputs (D[x:0]) pass through input registers
controlled by the input clocks (K and K). All synchronous data
outputs (Q[x:0]) pass through output registers controlled by the
rising edge of the output clocks (C and C, or K and K when in
single clock mode).
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the input
clocks (K and K).
CY7C1412JV18 is described in the following sections. The same
basic descriptions apply to CY7C1410JV18, CY7C1425JV18,
and CY7C1414JV18.
Read Operations
The CY7C1412JV18 is organized internally as two arrays of 1M
x 18. Accesses are completed in a burst of two sequential 18-bit
data words. Read operations are initiated by asserting RPS
active at the rising edge of the positive input clock (K). The
address is latched on the rising edge of the K clock. The address
presented to the address inputs is stored in the read address
register. Following the next K clock rise, the corresponding
lowest order 18-bit word of data is driven onto the Q[17:0] using
C as the output timing reference. On the subsequent rising edge
of C, the next 18-bit data word is driven onto the Q[17:0]. The
requested data is valid 0.45 ns from the rising edge of the output
clock (C and C or K and K when in single clock mode).
Synchronous internal circuitry automatically tri-states the outputs
following the next rising edge of the output clocks (C/C). This
enables a seamless transition between devices without the
insertion of wait states in a depth expanded memory.
Write Operations
Write operations are initiated by asserting WPS active at the
rising edge of the positive input clock (K). On the same K clock
rise, the data presented to D[17:0] is latched and stored into the
lower 18-bit write data register, provided BWS[1:0] are both
asserted active. On the subsequent rising edge of the negative
input clock (K), the address is latched and the information
presented to D[17:0] is stored into the write data register, provided
BWS[1:0] are both asserted active. The 36 bits of data are then
written into the memory array at the specified location. When
deselected, the write port ignores all inputs after completion of
pending write operations.
Byte Write Operations
Byte write operations are supported by the CY7C1412JV18. A
write operation is initiated as described in the Write Operations
section. The bytes that are written are determined by BWS0 and
BWS1, which are sampled with each 18-bit data word. Asserting
the byte write select input during the data portion of a write
latches the data being presented and writes it into the device.
Deasserting the byte write select input during the data portion of
a write enables the data stored in the device for that byte to
remain unaltered. This feature is used to simplify, read, modify,
or write operations to a byte write operation.
Single Clock Mode
The CY7C1412JV18 is used with a single clock that controls
both the input and output registers. In this mode, the device
recognizes only a single pair of input clocks (K and K) that control
both the input and output registers. This operation is identical to
the operation if the device had zero skew between the K/K and
C/C clocks. All timing parameters remain the same in this mode.
To use this mode of operation, tie C and C HIGH at power on.
This function is a strap option and not alterable during device
operation.
Concurrent Transactions
The read and write ports on the CY7C1412JV18 operate
independently of one another. As each port latches the address
inputs on different clock edges, the user reads or writes to any
location, regardless of the transaction on the other port. The user
can start reads and writes in the same clock cycle. If the ports
access the same location at the same time, the SRAM delivers
the most recent information associated with the specified
address location. This includes forwarding data from a write
cycle that was initiated on the previous K clock rise.
Depth Expansion
The CY7C1412JV18 has a port select input for each port. This
enables easy depth expansion. Both port selects are sampled on
the rising edge of the positive input clock only (K). Each port
select input deselects the specified port. Deselecting a port does
not affect the other port. All pending transactions (read and write)
are completed prior to the device being deselected.
[+] Feedback


Similar Part No. - CY7C1425JV18-267BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1425JV18-267BZXC CYPRESS-CY7C1425JV18-267BZXC Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1425JV18-267BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1410V18 CYPRESS-CY7C1410V18 Datasheet
407Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_09 Datasheet
675Kb / 29P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18_09 Datasheet
672Kb / 28P
   36-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com