Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1583 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1583
Description  Switch Mode Secondary Side Post Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1583 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1583 Datasheet HTML 1Page - Texas Instruments UCC1583 Datasheet HTML 2Page - Texas Instruments UCC1583 Datasheet HTML 3Page - Texas Instruments UCC1583 Datasheet HTML 4Page - Texas Instruments UCC1583 Datasheet HTML 5Page - Texas Instruments UCC1583 Datasheet HTML 6Page - Texas Instruments UCC1583 Datasheet HTML 7Page - Texas Instruments UCC1583 Datasheet HTML 8Page - Texas Instruments UCC1583 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
11/98
FEATURES
• Precision Secondary Side Post
Regulation for Multiple Output Power
Supplies
• Useful for Both Single Ended and
Center Tapped Secondary Circuits
• Ideal Replacement for Complex
Magnetic Amplifier Regulated Circuits
• Leading Edge Modulation
• Does Not Require Gate Drive
Transformer
• High Frequency (>500kHz) Operation
• Applicable for Wide Range of Output
Voltages
• High Current Gate Driver (0.5A
Sink/1.5A Source)
• Average Current Limiting Loop
DESCRIPTION
The UCC3583 is a synchronizable secondary side post regulator for preci-
sion regulation of the auxiliary outputs of multiple output power supplies. It
contains a leading edge pulse width modulator, which generates the gate
drive signal for a FET power switch connected in series with the rectifying
diode. The turn-on of the power switch is delayed from the leading edge of
the secondary power pulse to regulate the output voltage. The UCC3583
contains a ramp generator slaved to the secondary power pulse, a voltage
error amplifier, a current error amplifier, a PWM comparator and associ-
ated logic, a gate driver, a precision reference, and protection circuitry.
The ramp discharge and termination of the gate drive signal are triggered
by the synchronization pulse, typically derived from the falling edge of the
transformer secondary voltage. The ramp starts charging again once its
low threshold is reached. The gate drive signal is turned on when the ramp
voltage exceeds the control voltage. This leading edge modulation tech-
nique prevents instability when the UCC3583 is used in peak current mode
primary controlled systems.
The controller operates from a floating power supply referenced to the out-
put voltage being controlled. It features an undervoltage lockout (UVLO)
circuit, a soft start circuit, and an averaging current limit amplifier. The cur-
rent limit can be programmed to be proportional to the output voltage, thus
achieving foldback operation to minimize the dissipation under short circuit
conditions.
(continued)
UCC1583
UCC2583
UCC3583
Switch Mode Secondary Side Post Regulator
TYPICAL APPLICATION AND BLOCK DIAGRAM
UDG-96201-2
Note: Pin connections shown for 14-pin packages.


Similar Part No. - UCC1583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1580 TI1-UCC1580 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580- TI-UCC1580- Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-1 TI-UCC1580-1 Datasheet
568Kb / 16P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-1 TI1-UCC1580-1 Datasheet
1Mb / 18P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
UCC1580-1 TI1-UCC1580-1 Datasheet
997Kb / 17P
[Old version datasheet]   Single Ended Active Clamp/Reset PWM
More results

Similar Description - UCC1583

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3583D TI1-UCC3583D Datasheet
1Mb / 18P
[Old version datasheet]   Switch Mode Secondary Side Post Regulator
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com