Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1354DV25-200AXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1354DV25-200AXC
Description  9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1354DV25-200AXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1354DV25-200AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1354DV25-200AXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY7C1354DV25
CY7C1356DV25
Document #: 001-48974 Rev. *A
Page 6 of 29
Pin Definitions
Pin Name
IO
Pin Description
A0
A1
A
Input-
Synchronous
Address Inputs used to Select One of the Address Locations. Sampled at the rising edge of the CLK.
BWa,BWb,
BWc,BWd,
Input-
Synchronous
Byte Write Select Inputs, Active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on
the rising edge of CLK. BWa controls DQa and DQPa, BWb controls DQb and DQPb, BWc controls DQc
and DQPc, BWd controls DQd and DQPd.
WE
Input-
Synchronous
Write Enable Input, Active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This signal
must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
Synchronous
Advance or Load Input used to Advance the On-Chip Address Counter or Load a New Address.
When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a new
address can be loaded into the device for an access. After being deselected, ADV/LD should be driven
LOW in order to load a new address.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN. CLK is
only recognized if CEN is active LOW.
CE1
Input-
Synchronous
Chip Enable 1 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2
and CE3 to select and deselect the device.
CE2
Input-
Synchronous
Chip Enable 2 Input, Active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE3 to select and deselect the device.
CE3
Input-
Synchronous
Chip Enable 3 Input, Active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1
and CE2 to select and deselect the device.
OE
Input-
Asynchronous
Output Enable, Active LOW. Combined with the synchronous logic block inside the device to control
the direction of the I/O pins. When LOW, the I/O pins are allowed to behave as outputs. When deasserted
HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during the data portion of a Write
sequence, during the first clock when emerging from a deselected state and when the device is
deselected.
CEN
Input-
Synchronous
Clock Enable Input, Active LOW. When asserted LOW the clock signal is recognized by the SRAM.
When deasserted HIGH the clock signal is masked. Because deasserting CEN does not deselect the
device, CEN can be used to extend the previous cycle when required.
DQS
I/O-
Synchronous
Bidirectional Data I/O Lines. As inputs, they feed into an on-chip data register that is triggered by the
rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by
addresses during the previous clock rise of the read cycle. The direction of the pins is controlled by OE
and the internal control logic. When OE is asserted LOW, the pins can behave as outputs. When HIGH,
DQa–DQd are placed in a tri-state condition. The outputs are automatically tri-stated during the data
portion of a write sequence, during the first clock when emerging from a deselected state, and when the
device is deselected, regardless of the state of OE.
DQPX
I/O-
Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these signals are identical to DQ[a:d]. During write
sequences, DQPa is controlled by BWa, DQPb is controlled by BWb, DQPc is controlled by BWc, and
DQPd is controlled by BWd.
MODE
Input Strap Pin Mode Input. Selects the burst order of the device. Tied HIGH selects the interleaved burst order. Pulled
LOW selects the linear burst order. MODE should not change states during operation. When left floating
MODE is default HIGH, to an interleaved burst order.
TDO
JTAG Serial
Output
Synchronous
Serial Data-Out to the JTAG Circuit. Delivers data on the negative edge of TCK.
TDI
JTAG Serial
Input
Synchronous
Serial Data-In to the JTAG Circuit. Sampled on the rising edge of TCK.
[+] Feedback


Similar Part No. - CY7C1354DV25-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A-100ACI CYPRESS-CY7C1354A-100ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A-100BGCI CYPRESS-CY7C1354A-100BGCI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A-133ACI CYPRESS-CY7C1354A-133ACI Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1354DV25-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25 Datasheet
338Kb / 25P
   9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com