Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6611ACRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6611ACRZ
Description  Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6611ACRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6611ACRZ Datasheet HTML 5Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN6881.0
March 19, 2009
Timing Diagram
Operation and Adaptive Shoot-Through Protection
Designed for high speed switching, the ISL6611A MOSFET
driver controls two-phase power trains’ high-side and low-side
N-Channel FETs from one externally provided PWM signal.
A rising transition on PWM initiates the turn-off of the lower
MOSFET (see Figure 1). After a short propagation delay
[tPDLL], the lower gate begins to fall. Typical fall times [tFL]
are provided in the “Electrical Specifications” on page 8.
Adaptive shoot-through circuitry monitors the LGATE voltage
and turns on the upper gate following a short delay time
[tPDHU] after the LGATE voltage drops below ~1V. The
upper gate drive then begins to rise [tRU] and the upper
MOSFET turns on.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. The upper
gate begins to fall [tFU] after a propagation delay [tPDLU],
which is modulated by the current balance circuits. The
adaptive shoot-through circuitry monitors the UGATE-PHASE
voltage and turns on the lower MOSFET a short delay time,
tPDHL, after the upper MOSFET’s gate voltage drops below
1V. The lower gate then rises [tRL], turning on the lower
MOSFET. These methods prevent both the lower and upper
MOSFETs from conducting simultaneously (shoot-through),
while adapting the dead time to the gate charge
characteristics of the MOSFETs being used.
This driver is optimized for voltage regulators with large step
down ratio. The lower MOSFET is usually sized larger
compared to the upper MOSFET because the lower
MOSFET conducts for a longer time during a switching
period. The lower gate driver is therefore sized much larger
to meet this application requirement. The 0.4
Ω
ON-resistance and 4A sink current capability enable the
lower gate driver to absorb the current injected into the lower
gate through the drain-to-gate capacitor (CGD) of the lower
MOSFET and help prevent shoot through caused by the self
turn-on of the lower MOSFET due to high dV/dt of the
switching node.
Tri-State PWM Input
A unique feature of the ISL6611A is the adaptable tri-state
PWM input. Once the PWM signal enters the shutdown
window, either MOSFET previously conducting is turned off.
If the PWM signal remains within the shutdown window for
longer than 25ns of the previously conducting MOSFET, the
output drivers are disabled and both MOSFET gates are
pulled and held low. The shutdown state is removed when
the PWM signal moves outside the shutdown window. The
PWM Tri-state rising and falling thresholds outlined in the
“Electrical Specifications” on page 8 determine when the
lower and upper gates are enabled. During normal operation
in a typical application, the PWM rise and fall times through
the shutdown window should not exceed either output’s turn-
off propagation delay plus the MOSFET gate discharge time
to ~1V. Abnormally long PWM signal transition times through
the shutdown window will simply introduce additional dead
time between turn off and turn on of the synchronous
bridge’s MOSFETs. For optimal performance, no more than
100pF parasitic capacitive load should be present on the
PWM line of ISL6611A (assuming an Intersil PWM controller
is used).
Bootstrap Considerations
This driver features an internal bootstrap diode. Simply
adding an external capacitor across the BOOT and PHASE
PWM
UGATE
LGATE
tPDLL
tPDHU
tRU
tPDLU
tPDHL
tRL
1V
2.5V
tRU
tFU
tFL
1V
tPTS
tTSSHD
tTSSHD
tPTS
FIGURE 1. TIMING DIAGRAM
ISL6611A


Similar Part No. - ISL6611ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
230Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
227Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
logo
Renesas Technology Corp
ISL6611ACRZ RENESAS-ISL6611ACRZ Datasheet
672Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
More results

Similar Description - ISL6611ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A_13 Datasheet
230Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
227Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
logo
Renesas Technology Corp
ISL6611A RENESAS-ISL6611A Datasheet
672Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
logo
Richtek Technology Corp...
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
   2-Phase Controller with Dual Integrated Drivers
logo
Renesas Technology Corp
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
   Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Texas Instruments
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
Intersil Corporation
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com