Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3570N Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3570N
Description  Low Power Pulse Width Modulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3570N Datasheet(HTML) 5 Page - Texas Instruments

  UCC3570N Datasheet HTML 1Page - Texas Instruments UCC3570N Datasheet HTML 2Page - Texas Instruments UCC3570N Datasheet HTML 3Page - Texas Instruments UCC3570N Datasheet HTML 4Page - Texas Instruments UCC3570N Datasheet HTML 5Page - Texas Instruments UCC3570N Datasheet HTML 6Page - Texas Instruments UCC3570N Datasheet HTML 7Page - Texas Instruments UCC3570N Datasheet HTML 8Page - Texas Instruments UCC3570N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
UCC1570
UCC2570
UCC3570
Latched Shutdown
If CURLIM rises above 0.6V, or COUNT rises to 4V, the
shutdown latch will be set. This will force OUT low, dis-
charge SOFTST and COUNT, and reduce IVCC to ap-
proximately 1mA. When, and if, VCC falls below 9V, the
shutdown latch will reset and IVCC will fall to 85µA, allow-
ing the circuit to restart. If VCC remains above 9V, an al-
ternate restart will occur if VFWD is momentarily reduced
below 1V. External shutdown commands from any source
may be added into either the COUNT or CURLIM pins.
Deadtime Control
The voltage waveform on RAMP has independently con-
trolled rising and falling edges. At the start of the clock
period, RAMP is at 1V and rises to 4V. It then discharges
back to 1V and awaits the next clock period. OUT can
only be high during the rising part of the waveform, while
it is positively blanked off during the falling portion. Set-
ting the –dV/dt slope by R4 from ISET to GND estab-
lishes a minimum deadtime as:
td
R
CR
=•
03
4
.
Choose R4 between 20k and 200k and CR greater than
50pF. In order to have a pulse at OUT in the next clock
period, RAMP must fall to 1V prior to the end of the cur-
rent period. If it does not, OUT will remain low for the en-
tire next clock period.
Voltage Feedforward
The +dV/dt on RAMP is made proportional to line volt-
age. The slope is:
()
dV
dt
VFWD
RCR
=•
10
3
where VFWD is line voltage scaled by R1 and R2. There-
fore, a changing line voltage will accomplish an immedi-
ate proportionate pulse width change without any action
from the feedback amplifier. This will result in constant
volt-second drive to the power transformer providing both
international voltage operation, and excellent dynamic
line regulation. VFWD is intended to operate over a 4:1
range (1V to 4V) with undervoltage and overvoltage sen-
sors designed to drive OUT low if this range is exceeded.
Choose R3 between 20k and 200k.
APPLICATION INFORMATION (cont.)
Figure 1. UCC1570 typical application.


Similar Part No. - UCC3570N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3570N TI1-UCC3570N Datasheet
3Mb / 13P
[Old version datasheet]   Not Recommended for New Design
UCC3570NG4 TI1-UCC3570NG4 Datasheet
3Mb / 13P
[Old version datasheet]   Not Recommended for New Design
More results

Similar Description - UCC3570N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A_1 Datasheet
241Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com