Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1472BV25-250AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1472BV25-250AXC
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1472BV25-250AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1472BV25-250AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1472BV25-250AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
72-Mbit (2M x 36/4M x 18/1M x 72)
Pipelined SRAM with NoBL™ Architecture
CY7C1470BV25
CY7C1472BV25, CY7C1474BV25
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-15032 Rev. *D
Revised February 29, 2008
Features
Pin-compatible and functionally equivalent to ZBT™
Supports 250 MHz bus operations with zero wait states
Available speed grades are 250, 200, and 167 MHz
Internally self-timed output buffer control to eliminate the need
to use asynchronous OE
Fully registered (inputs and outputs) for pipelined operation
Byte Write capability
Single 2.5V power supply
2.5V IO supply (VDDQ)
Fast clock-to-output times
3.0 ns (for 250-MHz device)
Clock Enable (CEN) pin to suspend operation
Synchronous self-timed writes
CY7C1470BV25, CY7C1472BV25 available in
JEDEC-standard Pb-free 100-pin TQFP, Pb-free and
non-Pb-free 165-ball FBGA package. CY7C1474BV25
available in Pb-free and non-Pb-free 209-ball FBGA package
IEEE 1149.1 JTAG Boundary Scan compatible
Burst capability—linear or interleaved burst order
“ZZ” Sleep Mode option and Stop Clock option
Functional Description
The CY7C1470BV25, CY7C1472BV25, and CY7C1474BV25
are 2.5V, 2M x 36/4M x 18/1M x 72 synchronous pipelined burst
SRAMs with No Bus Latency™ (NoBL
™) logic, respectively.
They are designed to support unlimited true back-to-back read
or write operations with no wait states. The CY7C1470BV25,
CY7C1472BV25, and CY7C1474BV25 are equipped with the
advanced (NoBL) logic required to enable consecutive read or
write operations with data being transferred on every clock cycle.
This feature dramatically improves the throughput of data in
systems that require frequent read or write transitions. The
CY7C1470BV25, CY7C1472BV25, and CY7C1474BV25 are
pin-compatible and functionally equivalent to ZBT devices.
All synchronous inputs pass through input registers controlled by
the rising edge of the clock. All data outputs pass through output
registers controlled by the rising edge of the clock. The clock
input is qualified by the Clock Enable (CEN) signal, which when
deasserted suspends operation and extends the previous clock
cycle. Write operations are controlled by the Byte Write Selects
(BWa–BWd
for
CY7C1470BV25,
BWa–BWb
for
CY7C1472BV25, and BWa–BWh for CY7C1474BV25) and a
Write Enable (WE) input. All writes are conducted with on-chip
synchronous self-timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) provide for easy bank
selection and output tri-state control. To avoid bus contention,
the output drivers are synchronously tri-stated during the data
portion of a write sequence.
Selection Guide
Description
250 MHz
200 MHz
167 MHz
Unit
Maximum Access Time
3.0
3.0
3.4
ns
Maximum Operating Current
450
450
400
mA
Maximum CMOS Standby Current
120
120
120
mA
[+] Feedback


Similar Part No. - CY7C1472BV25-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1472BV25-250AXC CYPRESS-CY7C1472BV25-250AXC Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1472BV25-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V33 CYPRESS-CY7C1474V33 Datasheet
378Kb / 28P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com