Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64315-16LKXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C64315-16LKXC
Description  enCoRe V Full Speed USB Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64315-16LKXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C64315-16LKXC Datasheet HTML 5Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 9Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 10Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 11Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 12Page - Cypress Semiconductor CY7C64315-16LKXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C6431x
CY7C64345, CY7C6435x
Document Number: 001-12394 Rev *G
Page 9 of 28
26
XRES
Ext Reset
Active high external reset with internal pull down
27
I/O
P3[0]
Digital I/O
28
I/O
P3[2]
Digital I/O
29
I/O
P3[4]
Digital I/O
30
I/O
P3[6]
Digital I/O
31
I/O
P4[0]
Digital I/O
32
I/O
P4[2]
Digital I/O
33
I/O
P2[0]
Digital I/O
34
I/O
P2[2]
Digital I/O
35
I/O
P2[4]
Digital I/O
36
I/O
P2[6]
Digital I/O
37
IOH
P0[0]
Digital I/O
38
IOH
P0[2]
Digital I/O
39
IOH
P0[4]
Digital I/O
40
IOH
P0[6]
Digital I/O
41
Power
Vdd
Supply voltage
42
NC
NC
No connection
43
NC
NC
No connection
44
IOH
P0[7]
Digital I/O
45
IOH
P0[5]
Digital I/O
46
IOH
P0[3]
Digital I/O
47
Power
Vss
Supply ground
48
IOH
P0[1]
Digital I/O
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
Table 3. 48-Pin Part Pinout (QFN) (continued)
Pin No.
Type
Pin Name
Description
[+] Feedback


Similar Part No. - CY7C64315-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C64315-16LKXC CYPRESS-CY7C64315-16LKXC Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64315-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_11 Datasheet
1Mb / 37P
   enCoRe V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com