Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65631-56LFXA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C65631-56LFXA
Description  EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65631-56LFXA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C65631-56LFXA Datasheet HTML 2Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 3Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 4Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 5Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 6Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 7Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 8Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 9Page - Cypress Semiconductor CY7C65631-56LFXA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CY7C65621/31
Document #: 001-52934 Rev. **
Page 6 of 24
Pin Configuration
Figure 1. 56-Pin Quad Flat Pack No Leads (8 mm x 8 mm)[2]
VCC
GREEN#[1]
AMBER#[1]
GREEN#[2]
AMBER#[2]
GREEN#[3]/NC
AMBER#[3]/NC
1
2
3
4
5
6
7
8
9
54
55
56
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
DD–[4]/NC
DD+[4]/NC
VCC
GND
DD–[3]/NC
DD+[3]/NC
VCC
GND
DD–[2]
DD+[2]
VCC
GND
DD–[1]
DD+[1]
VCC
GND
GND
PWR#[1]
OVR#[1]
PWR#[2]
OVR#[2]
Note
2. NC and Rsvd are for CY7C65621 only.
[+] Feedback


Similar Part No. - CY7C65631-56LFXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65631-56LTXC CYPRESS-CY7C65631-56LTXC Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65631-56LTXCT CYPRESS-CY7C65631-56LTXCT Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65631-56LFXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com