Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54223 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54223
Description  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54223 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54223 Datasheet HTML 1Page - Intersil Corporation ISL54223 Datasheet HTML 2Page - Intersil Corporation ISL54223 Datasheet HTML 3Page - Intersil Corporation ISL54223 Datasheet HTML 4Page - Intersil Corporation ISL54223 Datasheet HTML 5Page - Intersil Corporation ISL54223 Datasheet HTML 6Page - Intersil Corporation ISL54223 Datasheet HTML 7Page - Intersil Corporation ISL54223 Datasheet HTML 8Page - Intersil Corporation ISL54223 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6836.1
May 27, 2009
Turn-OFF Disable Time, tDISABLE VDD = 3.3V, RL = 15kΩ, CL = 50pF, Time into All-Off state,
Time is highly dependent on the load (RL, CL) time constant.
25
-
75
-
ns
Skew, (tSKEWOUT - tSKEWIN)
VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, RL = 45Ω,
CL = 10pF, tR = tF = 500ps at 480Mbps, (Duty Cycle = 50%)
(see Figure 6)
25
-
53
-
ps
Rise/Fall Degradation
(Propagation Delay), tPD
VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, RL = 45Ω,
CL = 10pF (see Figure 6)
25
-
250
-
ps
Crosstalk
VDD = 3.3V, RL = 50Ω, f = 240MHz (see Figure 5)
25
-
-25
-
dB
OFF-Isolation
VDD = 3.3V, OE = 3.3V, RL = 50Ω, f = 240MHz
25
-
-27
-
dB
-3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω
25
-
782
-
MHz
OFF Capacitance, CHSxOFF
f = 1MHz, VDD = 3.3V, SEL = 0V, OE = 3.3V, VHSD1x or
VHSD2x = VDx = 0V (see Figure 4)
25
-
2.5
-
pF
COM ON Capacitance, CDX(ON)
f = 1MHz, VDD = 3.3V, SEL = 0V or 3.3V, OE = 0V, VHSD1x
or VHSD2x = VDx = 0V (see Figure 4)
25
-
6.5
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
1.8
3.3
V
Positive Supply Current, IDD
VDD = 3.3V, SEL = 0V or VDD, OE = 0V or VDD
25
-
32
40
µA
Full
-
-
50
µA
Positive Supply Current, IDD
VDD = 1.8V, SEL = 0V, OE = 0V or VDD
25
-
5.8
7.5
µA
Full
-
-
8
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VSELL, VOEL
VDD = 1.8V to 3.3V
Full
-
-
0.5
V
Input Voltage High, VSELH, VOEH VDD = 1.8V to 3.3V
Full
1.4
-
VDD
V
Input Current, ISELL, IOEL
VDD = 3.3V, SEL = 0V, OE = 0V
Full
-
104
-
nA
Input Current, ISELH
VDD = 3.3V, SEL = 3.3V
Full
-
-1.5
-
nA
Input Current, IOEH
VDD = 3.3V, OE = 3.3V
Full
-
-1.6
-
nA
NOTES:
4. VLOGIC = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
8. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between HSD2+ and HSD2- or between HSD1+ and HSD1-.
9. Limits established by characterization and are not production tested.
Electrical Specifications - 1.8V to 3.3V Supply Test Conditions: VDD = +3.3V, GND = 0V, VSELH = 1.4V, VSELL = 0.5V,
VOEH = 1.4V, VOEL = 0.5V, (Note 4), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ISL54223


Similar Part No. - ISL54223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54223IRUZ-T INTERSIL-ISL54223IRUZ-T Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54223IRUZ-T RENESAS-ISL54223IRUZ-T Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
More results

Similar Description - ISL54223

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54222 INTERSIL-ISL54222 Datasheet
850Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com