Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL2004-01 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ZL2004-01
Description  Adaptive Digital DC-DC Controller with Current Sharing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL2004-01 Datasheet(HTML) 2 Page - Intersil Corporation

  ZL2004-01 Datasheet HTML 1Page - Intersil Corporation ZL2004-01 Datasheet HTML 2Page - Intersil Corporation ZL2004-01 Datasheet HTML 3Page - Intersil Corporation ZL2004-01 Datasheet HTML 4Page - Intersil Corporation ZL2004-01 Datasheet HTML 5Page - Intersil Corporation ZL2004-01 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZL2004-01
2
Data Sheet Revision 2/18/2009
www.intersil.com
1. Electrical Characteristics
Table 1. Absolute Maximum Ratings
Operating beyond these limits may cause permanent damage to the device. Functional operation beyond the
Recommended Operating Conditions is not implied. Voltage measured with respect to SGND.
Parameter
Pin(s)
Value
Unit
DC supply voltage
VDD
-0.3 to 17
V
Logic I/O voltage
CFG, DDC, EN, FC, FLEX, ILIM,
MGN, PG, SA(0,1), SALRT, SCL,
SDA, SS,
SYNC, VMON, V(0,1)
-0.3 to 6.5
V
VSEN+, VSEN-, VTRK, XTEMP
-0.3 to 6.5
V
Analog input voltages
ISENA, ISENB
-1.5 to 6.5
V
MOSFET drive reference
VR
-0.3 to 6.5
V
Logic reference
V25
-0.3 to 3
V
Ground voltage differential
(VDGND-VSGND)
DGND, SGND
-0.3 to +0.3
V
Junction temperature
-55 to 150
oC
Storage temperature range
-55 to 150
oC
Lead temperature
(soldering, 10 s)
300
oC
Table 2. Recommended Operating Conditions and Thermal Information
Parameter
Symbol
Min
Typ
Max
Unit
Input Supply Voltage Range
VDD
8.0
10.0
V
Output Voltage Range
VOUT
0.9
1.0
1.1
V
Operating Frequency
FSW
400
kHz
Operating Ambient Temperature Range
TA
0
65
°C
Junction to Ambient Thermal Impedance1
QJA
35
°C/W
Junction to Case Thermal Impedance2
QJC
5
°C/W
Notes:
1. ΘJA is measured in free air with the device mounted on a multi-layer FR4 test board and the exposed metal pad soldered to a
low impedance ground plane using multiple vias.
2. For ΘJC, the “case” temperature is measured at the center of the exposed metal pad


Similar Part No. - ZL2004-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004-01 INTERSIL-ZL2004-01 Datasheet
229Kb / 7P
   Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
More results

Similar Description - ZL2004-01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2004 INTERSIL-ZL2004 Datasheet
614Kb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
logo
Fairchild Semiconductor
FD2004 FAIRCHILD-FD2004 Datasheet
745Kb / 2P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Renesas Technology Corp
ZL2004 RENESAS-ZL2004 Datasheet
1Mb / 42P
   Adaptive Digital DC-DC Controller with Current Sharing
logo
Intersil Corporation
ZL2004ALNN-01 INTERSIL-ZL2004ALNN-01 Datasheet
229Kb / 7P
   Adaptive Digital DC/DC Controller with Current Sharing
May 23, 2011
ZL6100ALAF INTERSIL-ZL6100ALAF Datasheet
803Kb / 34P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
August 29, 2012
ZL2006 INTERSIL-ZL2006 Datasheet
959Kb / 45P
   Adaptive Digital DC-DC Controller with Drivers and Current Sharing
ZL6100 INTERSIL-ZL6100 Datasheet
540Kb / 33P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
ZL2006 INTERSIL-ZL2006_14 Datasheet
776Kb / 45P
   Adaptive Digital DC-DC Controller with Drivers and Current Sharing
December 15, 2010
logo
Renesas Technology Corp
ZL6100 RENESAS-ZL6100 Datasheet
1Mb / 34P
   Adaptive Digital DC/DC Controller with Drivers and Current Sharing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com