Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C201A0 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C201A0
Description  CapSense Express-10 Configurable IOs with Slider
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C201A0 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C201A0_09 Datasheet HTML 1Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 2Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 3Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 4Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 5Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 6Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 7Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 8Page - Cypress Semiconductor CY8C201A0_09 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY8C201A0
Document Number: 001-17349 Rev. *F
Page 2 of 16
Logic Block Diagram
(Internal Main Oscillator)
Clock Sources
SYSTEM BUS
Configuration and
Control Engine
2 KB Flash
10 Configurable IOs
with Slider
External VCC
2.40V to 2.90V, 3.10V to
3.60V, 4.75V to 5.25V
CapSense Express
TM
Core
Interrupt
Controller
512B SRAM
CapSense
Block
I2C Slave
System
Reset
POR/LVD
SYSTEM BUS
Sleep and
Watchdog
Voltage &
Current
Reference
[+] Feedback


Similar Part No. - CY8C201A0_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C201A0-LDX2I CYPRESS-CY8C201A0-LDX2I Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C201A0-LDX2I CYPRESS-CY8C201A0-LDX2I Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C201A0-SX2I CYPRESS-CY8C201A0-SX2I Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C201A0-SX2I CYPRESS-CY8C201A0-SX2I Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
More results

Similar Description - CY8C201A0_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C201A0 CYPRESS-CY8C201A0 Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20180 CYPRESS-CY8C20180_09 Datasheet
390Kb / 16P
   CapSense Express-8 Configurable IOs
CY8C20180 CYPRESS-CY8C20180 Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142_09 Datasheet
346Kb / 15P
   CapSense Express-4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com