Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2807-1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2807-1
Description  Programmable Maximum Duty Cycle PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2807-1 Datasheet(HTML) 2 Page - Texas Instruments

  UCC2807-1 Datasheet HTML 1Page - Texas Instruments UCC2807-1 Datasheet HTML 2Page - Texas Instruments UCC2807-1 Datasheet HTML 3Page - Texas Instruments UCC2807-1 Datasheet HTML 4Page - Texas Instruments UCC2807-1 Datasheet HTML 5Page - Texas Instruments UCC2807-1 Datasheet HTML 6Page - Texas Instruments UCC2807-1 Datasheet HTML 7Page - Texas Instruments UCC2807-1 Datasheet HTML 8Page - Texas Instruments UCC2807-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UCC1807-1/-2/-3
UCC2807-1/-2/-3
UCC3807-1/-2/-3
DIL-8, SOIC-8, TSSOP-8 (Top View)
J, N, D or PW Packages
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (IDD 10mA)....................... 13.5V
Supply Current ................................. 30mA
OUT Current ....................................±1A
Analog Inputs (FB, CS) ............. –0.3V to (VDD + 0.3V)
Power Dissipation at TA +25°C (N or J packages) ........1W
Power Dissipation at TA +25°C (D package) .......... 0.65W
Storage Temperature ................... –65°C to +150°C
Junction Temperature ................... –65°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300°C
All currents are positive into, negative out of the specified ter-
minal. Consult Packaging Section of Databook for thermal limi-
tations and considerations of packages.
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS:Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UCC1807-1/-2/-3; –40°C to +85°C for UCC2807-1/-2/-3; and 0°C to +70°C for UCC3807-1/-2/-3; VDD = 10V (Note 6), RA = 12kW ,
RB = 4.7kW , CT = 330pF, 1.0m F capacitor from VDD to GND, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Section Section
Frequency
175
202
228
kHz
Temperature Stability
(Note 5)
2.5
%
Amplitude
(Note 1)
1/3VDD
V
Error Amplifier Section
Input Voltage
COMP = 2.0V
1.95
2.00
2.05
V
Input Bias Current
–1
1
m A
Open Loop Voltage Gain
60
80
dB
COMP Sink Current
FB = 2.2V, COMP = 1.0V
0.3
2.5
mA
COMP Source Current
FB = 1.3V, COMP = 4.0V
–0.2
–0.5
mA
PWM Section
Maximum Duty Cycle
75
78
81
%
Minimum Duty Cycle
COMP = 0V
0
%
Current Sense Section
Gain
(Note 2)
1.1
1.65
1.8
V/V
Maximum Input Signal
COMP = 5.0V (Note 3)
0.9
1.0
1.1
V
Input Bias Current
–200
200
nA
CS Blank Time
50
100
150
ns
Overcurrent Threshold
1.4
1.5
1.6
V
COMP to CS Offset
CS = 0V
0.55
1.1
1.65
V
Output Section
OUT Low Level
I = 100mA
0.4
1
V
OUT High Level
I = –100mA, VDD - OUT
0.4
1
V
Rise/Fall Time
CL = 1nF (Note 5)
20
100
ns
Undervoltage Lockout Section
UCC
807
UVLO Threshold
Package
Temperature Range
ORDERING INFORMATION


Similar Part No. - UCC2807-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2807-1 TI1-UCC2807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
More results

Similar Description - UCC2807-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
   Programmable PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com