Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C2565KV18-450BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C2565KV18-450BZC
Description  72-Mbit QDR-II SRAM 4-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2565KV18-450BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C2565KV18-450BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C2565KV18-450BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
72-Mbit QDR™-II+ SRAM 4-Word Burst
Architecture (2.5 Cycle Read Latency) with ODT
PRELIMINARY
CY7C2561KV18, CY7C2576KV18
CY7C2563KV18, CY7C2565KV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-15887 Rev. *E
Revised April 24, 2009
Features
Separate independent read and write data ports
Supports concurrent transactions
550 MHz clock for high bandwidth
4-word burst for reducing address bus frequency
Double Data Rate (DDR) interfaces on both read and write
ports (data transferred at 1100 MHz) at 550 MHz
Available in 2.5 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
Data valid pin (QVLD) to indicate valid data on the output
On-Die Termination (ODT) feature
Supported for D[x:0], BWS[x:0], and K/K inputs
Single multiplexed address input bus latches address inputs
for read and write ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
QDR™-II+ operates with 2.5 cycle read latency when DOFF is
asserted HIGH
Operates similar to QDR-I device with 1 cycle read latency
when DOFF is asserted LOW
Available in x8, x9, x18, and x36 configurations
Full data coherency, providing most current data
Core VDD = 1.8V± 0.1V; IO VDDQ = 1.4V to VDD
[1]
Supports both 1.5V and 1.8V IO supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-Ball FBGA package (13 x 15 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase Locked Loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles:
CY7C2561KV18 – 8M x 8
CY7C2576KV18 – 8M x 9
CY7C2563KV18 – 4M x 18
CY7C2565KV18 – 2M x 36
Functional Description
The CY7C2561KV18, CY7C2576KV18, CY7C2563KV18, and
CY7C2565KV18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR-II+ architecture. Similar to QDR-II archi-
tecture, QDR-II+ architecture consists of two separate ports: the
read port and the write port to access the memory array. The
read port has dedicated data outputs to support read operations
and the write port has dedicated data inputs to support write
operations. QDR-II+ architecture has separate data inputs and
data outputs to completely eliminate the need to “turn-around”
the data bus that exists with common IO devices. Each port is
accessed through a common address bus. Addresses for read
and write addresses are latched on alternate rising edges of the
input (K) clock. Accesses to the QDR-II+ read and write ports are
completely independent of one another. To maximize data
throughput, both read and write ports are equipped with DDR
interfaces. Each address location is associated with four 8-bit
words (CY7C2561KV18), 9-bit words (CY7C2576KV18), 18-bit
words (CY7C2563KV18), or 36-bit words (CY7C2565KV18) that
burst sequentially into or out of the device. Because data is trans-
ferred into and out of the device on every rising edge of both input
clocks (K and K), memory bandwidth is maximized while simpli-
fying system design by eliminating bus “turn-arounds”.
These devices have an On-Die Termination feature supported
for D[x:0], BWS[x:0], and K/K inputs, which helps eliminate
external termination resistors, reduce cost, reduce board area,
and simplify board routing.
Depth expansion is accomplished with port selects, which
enables each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Table 1. Selection Guide
Description
550 MHz
500 MHz
450 MHz
400 MHz
Unit
Maximum Operating Frequency
550
500
450
400
MHz
Maximum Operating Current
x8
900
830
760
690
mA
x9
900
830
760
690
x18
920
850
780
710
x36
1310
1210
1100
1000
Note
1. The Cypress QDR-II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4V to VDD.
[+] Feedback


Similar Part No. - CY7C2565KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25652KV18 CYPRESS-CY7C25652KV18 Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZC CYPRESS-CY7C25652KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZC CYPRESS-CY7C25652KV18-400BZC Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZI CYPRESS-CY7C25652KV18-400BZI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25652KV18-400BZI CYPRESS-CY7C25652KV18-400BZI Datasheet
496Kb / 31P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2565KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com