Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20142 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C20142
Description  CapSense Express-4 Configurable IOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20142 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C20142_09 Datasheet HTML 5Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 6Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 7Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 8Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 9Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 10Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 11Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 12Page - Cypress Semiconductor CY8C20142_09 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY8C20142
Document Number: 001-32159 Rev. *E
Page 9 of 15
2.7V DC Spec for I2C Line with 1.8V External Pull-Up
This table lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 2.4V to 2.9V and 3.10V to
3.60V, and -40°C<TA <85°C, respectively. Typical parameters apply to 2.7V at 25°C. The I2C lines drive mode must be set to open
drain and pulled up to 1.8V externally.
Parameter
Description
Min
Typ
Max
Unit
Notes
VOLP1
Low output voltage port 1 pins
0.4
V
IOL=5 mA, maximum of 50 mA sink
current on even port pins and 50 mA sink
current on odd port pins.
2.4<VDD <2.9V and 3.1<VDD <3.6V.
VIL
Input low voltage
0.75
V
VDD = 2.4 to 2.90V and 3.10V to 3.6V.
VIH
Input high voltage
1.4
V
VDD = 2.4 to 2.7V.
CIN
Capacitive load on pins as input
0.5
1.7
5
pF
Package and pin dependent.
Temp = 25°C.
COUT
Capacitive load on pins as output
0.5
1.7
5
pF
Package and pin dependent.
Temp = 25°C.
DC POR and LVD Specifications
Parameter
Description
Min
Typ
Max
Unit
Notes
VPPOR0
VPPOR1
VDD Value for PPOR Trip
VDD= 2.7V
VDD= 3.3V, 5V
2.36
2.60
2.40
2.65
V
V
VDD must be greater than or equal to
2.5V during startup, reset from the XRES
pin, or reset from watchdog.
VLVD0
VLVD2
VLVD6
VDD Value for LVD Trip
VDD= 2.7V
VDD= 3.3V
VDD= 5V
2.39
2.75
3.98
2.45
2.92
4.05
2.51
2.99
4.12
V
V
V
[+] Feedback


Similar Part No. - CY8C20142_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20142-SX1I CYPRESS-CY8C20142-SX1I Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
CY8C20142-SX1I CYPRESS-CY8C20142-SX1I Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20142-SX1I CYPRESS-CY8C20142-SX1I Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
More results

Similar Description - CY8C20142_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20180 CYPRESS-CY8C20180_09 Datasheet
390Kb / 16P
   CapSense Express-8 Configurable IOs
CY8C20180 CYPRESS-CY8C20180 Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C201A0 CYPRESS-CY8C201A0 Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C201A0 CYPRESS-CY8C201A0_09 Datasheet
388Kb / 16P
   CapSense Express-10 Configurable IOs with Slider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com