Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2844AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2844AD
Description  Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2844AD Datasheet(HTML) 1 Page - Texas Instruments

  UC2844AD Datasheet HTML 1Page - Texas Instruments UC2844AD Datasheet HTML 2Page - Texas Instruments UC2844AD Datasheet HTML 3Page - Texas Instruments UC2844AD Datasheet HTML 4Page - Texas Instruments UC2844AD Datasheet HTML 5Page - Texas Instruments UC2844AD Datasheet HTML 6Page - Texas Instruments UC2844AD Datasheet HTML 7Page - Texas Instruments UC2844AD Datasheet HTML 8Page - Texas Instruments UC2844AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UC1842A/3A/4A/5A
UC2842A/3A/4A/5A
UC3842A/3A/4A/5A
SLUS224A - SEPTEMBER 1994 - REVISED APRIL 2002
Optimized for Off-line and DC to DC
Converters
Low Start Up Current (<0.5mA)
Trimmed Oscillator Discharge Current
Automatic Feed Forward Compensation
Pulse-by-Pulse Current Limiting
Enhanced Load Response Characteristics
Under-Voltage Lockout With Hysteresis
Double Pulse Suppression
High Current Totem Pole Output
Internally Trimmed Bandgap Reference
500kHz Operation
Low RO Error Amp
Current Mode PWM Controller
The UC1842A/3A/4A/5A family of control ICs is a pin for pin compati-
ble improved version of the UC3842/3/4/5 family. Providing the nec-
essary features to control current mode switched mode power
supplies, this family has the following improved features. Start up cur-
rent is guaranteed to be less than 0.5mA. Oscillator discharge is
trimmed to 8.3mA. During under voltage lockout, the output stage
can sink at least 10mA at less than 1.2V for VCC over 5V.
The difference between members of this family are shown in the table
below.
BLOCK DIAGRAM
FEATURES
DESCRIPTION
application
INFO
available
Part #
UVLO On
UVLO Off
Maximum Duty
Cycle
UC1842A
16.0V
10.0V
<100%
UC1843A
8.5V
7.9V
<100%
UC1844A
16.0V
10.0V
<50%
UC1845A
8.5V
7.9V
<50%
Note 1:
A = DIL-8 Pin Number. B = SO-14 Pin Number.
Note 2: Toggle flip flop used only in 1844A and 1845A.
A/B


Similar Part No. - UC2844AD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UC2844AD MICROSEMI-UC2844AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC2844AD TI1-UC2844AD Datasheet
3Mb / 29P
[Old version datasheet]   Current Mode PWM Controller
UC2844AD TI1-UC2844AD Datasheet
1Mb / 45P
[Old version datasheet]   Current-Mode PWM Controller
logo
STMicroelectronics
UC2844AD1 STMICROELECTRONICS-UC2844AD1 Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2844AD1 STMICROELECTRONICS-UC2844AD1 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC2844AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com