Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3008IDC-1.2PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LT3008IDC-1.2PBF
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008IDC-1.2PBF Datasheet(HTML) 2 Page - Linear Technology

  LT3008IDC-1.2PBF Datasheet HTML 1Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 2Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 3Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 4Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 5Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 6Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 7Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 8Page - Linear Technology LT3008IDC-1.2PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3008 Series
2
3008fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................
±50V
OUT Pin Voltage......................................................
±50V
Input-to-Output Differential Voltage ........................
±50V
ADJ Pin Voltage ......................................................
±50V
SENSE Pin Voltage..................................................
±50V
SHDN Pin Voltage (Note 8) .....................................
±50V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
TOP VIEW
GND
SHDN
IN
**SENSE/ADJ
OUT
OUT
DC PACKAGE
6-LEAD (2mm
2mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C,
θJA = 65°C/W TO 85°C/W*
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
SHDN 1
GND 2
GND 3
GND 4
8 NC
7 ADJ/SENSE**
6 OUT
5 IN
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C,
θJA = 65°C/W TO 85°C/W*
Operating Junction Temperature Range (Notes 2, 3)
LT3008E.............................................–40°C to 125°C
LT3008I..............................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature: Soldering, 10 sec
TS8 Package Only............................................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3008EDC#PBF
LT3008EDC#TRPBF
LDPS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC#PBF
LT3008IDC#TRPBF
LDPS
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-1.2#PBF
LT3008EDC-1.2#TRPBF
LFHC
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-1.2#PBF
LT3008IDC-1.2#TRPBF
LFHC
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-1.5#PBF
LT3008EDC-1.5#TRPBF
LFHF
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-1.5#PBF
LT3008IDC-1.5#TRPBF
LFHF
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-1.8#PBF
LT3008EDC-1.8#TRPBF
LFHH
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-1.8#PBF
LT3008IDC-1.8#TRPBF
LFHH
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008EDC-2.5#PBF
LT3008EDC-2.5#TRPBF
LFHK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LT3008IDC-2.5#PBF
LT3008IDC-2.5#TRPBF
LFHK
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
* See the Applications Information Section.
** SENSE for Fixed Voltage Output Versions.


Similar Part No. - LT3008IDC-1.2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008IDC-PBF LINER-LT3008IDC-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008IDC-TR LINER-LT3008IDC-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008IDC-TRPBF LINER-LT3008IDC-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008IDC-1.2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com