Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3082EDDPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3082EDDPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082EDDPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3082EDDPBF Datasheet HTML 6Page - Linear Technology LT3082EDDPBF Datasheet HTML 7Page - Linear Technology LT3082EDDPBF Datasheet HTML 8Page - Linear Technology LT3082EDDPBF Datasheet HTML 9Page - Linear Technology LT3082EDDPBF Datasheet HTML 10Page - Linear Technology LT3082EDDPBF Datasheet HTML 11Page - Linear Technology LT3082EDDPBF Datasheet HTML 12Page - Linear Technology LT3082EDDPBF Datasheet HTML 13Page - Linear Technology LT3082EDDPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3082
10
3082f
APPLICATIONS INFORMATION
electrics, each with different behavior across temperature
and applied voltage. The most common dielectrics used
are specified with EIA temperature characteristic codes of
Z5U, Y5V, X5R and X7R. The Z5U and Y5V dielectrics are
good for providing high capacitances in a small package,
but they tend to have strong voltage and temperature
coefficients, as shown in Figures 3 and 4. When used with
a 5V regulator, a 16V 10μF Y5V capacitor can exhibit an
effective value as low as 1μF to 2μF for the DC bias voltage
applied and over the operating temperature range. The X5R
and X7R dielectrics result in more stable characteristics
and are more suitable for use as the output capacitor.
The X7R type has better stability across temperature,
while the X5R is less expensive and is available in higher
values. Care still must be exercised when using X5R and
X7R capacitors. The X5R and X7R codes only specify
operating temperature range and maximum capacitance
change over temperature. Capacitance change due to DC
bias with X5R and X7R capacitors is better than with Y5V
and Z5U capacitors, but can still be significant enough to
drop capacitor values below appropriate levels. Capacitor
DC bias characteristics tend to improve as component
case size increases, but expected capacitance at operating
voltage should be verified.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates
voltage across its terminals due to mechanical stress. In a
ceramic capacitor, the stress can be induced by vibrations
in the system or thermal transients.
Stability and Input Capacitance
Low ESR, ceramic input bypass capacitors are acceptable
for applications without long input leads. However, applica-
tions connecting a power supply to an LT3082 circuit’s IN
and GND pins with long input wires combined with a low
ESR, ceramic input capacitors are prone to voltage spikes,
reliability concerns and application-specific board oscil-
lations. The input wire inductance found in many battery
powered applications, combined with the low ESR ceramic
input capacitor, forms a high-Q LC resonant tank circuit. In
some instances this resonant frequency beats against the
output current dependent LDO bandwidth and interferes
with proper operation. Simple circuit modifications/solu-
tions are then required. This behavior is not indicative of
LT3082 instability, but is a common ceramic input bypass
capacitor application issue.
The self-inductance, or isolated inductance, of a wire is
directly proportional to its length. Wire diameter is not a
major factor on its self-inductance. For example, the self-
inductance of a 2-AWG isolated wire (diameter = 0.26") is
about half the self-inductance of a 30-AWG wire (diameter
= 0.01"). One foot of 30-AWG wire has about 465nH of
self-inductance.
One of two ways reduces a wire’s self-inductance. One
method divides the current flowing towards the LT3082
between two parallel conductors. In this case, the farther
apart the wires are from each other, the more the self-in-
ductance is reduced; up to a 50% reduction when placed
a few inches apart. Splitting the wires basically connects
DC BIAS VOLTAGE (V)
3082 F03
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 3. Ceramic Capacitor DC Bias Characteristics
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3082 F04
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
Figure 4. Ceramic Capacitor Temperature Characteristics


Similar Part No. - LT3082EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3082 LINER-LT3082 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3082 LINER-LT3082 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3082 LINEAR-LT3082 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3082EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com