Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C22545 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C22545
Description  PSoC Programmable System-on-Chip
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C22545 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C22545 Datasheet HTML 6Page - Cypress Semiconductor CY8C22545 Datasheet HTML 7Page - Cypress Semiconductor CY8C22545 Datasheet HTML 8Page - Cypress Semiconductor CY8C22545 Datasheet HTML 9Page - Cypress Semiconductor CY8C22545 Datasheet HTML 10Page - Cypress Semiconductor CY8C22545 Datasheet HTML 11Page - Cypress Semiconductor CY8C22545 Datasheet HTML 12Page - Cypress Semiconductor CY8C22545 Datasheet HTML 13Page - Cypress Semiconductor CY8C22545 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
CY8C21345,
CY8C22345, CY8C22545
Document Number: 001-43084 Rev. *H
Page 10 of 27
Table 6. Register Map Bank 0 Table: User Space
PRT0DR
00
RW
40
#
ASC10CR0*
80*
RW
C0
RW
PRT0IE
01
RW
41
W
81
RW
C1
RW
PRT0GS
02
RW
42
RW
82
RW
C2
RW
PRT0DM2
03
RW
43
#
83
RW
C3
RW
PRT1DR
04
RW
44
#
ASD11CR0*
84*
RW
C4
RW
PRT1IE
05
RW
45
W
85
RW
C5
RW
PRT1GS
06
RW
46
RW
86
RW
C6
RW
PRT1DM2
07
RW
47
#
87
RW
C7
RW
PRT2DR
08
RW
48
#
88
RW
PWMVREF0
C8
#
PRT2IE
09
RW
49
W
89
RW
PWMVREF1
C9
#
PRT2GS
0A
RW
4A
RW
8A
RW
IDAC_MODE
CA
RW
PRT2DM2
0B
RW
4B
#
8B
RW
PWM_SRC
CB
#
PRT3DR
0C
RW
4C
#
8C
RW
TS_CR0
CC
RW
PRT3IE
0D
RW
4D
W
8D
RW
TS_CMPH
CD
RW
PRT3GS
0E
RW
4E
RW
8E
RW
TS_CMPL
CE
RW
PRT3DM2
0F
RW
4F
#
8F
RW
TS_CR1
CF
RW
PRT4DR
10
RW
CSD0_DR0_L
50
R
90
RW
CUR PP
D0
RW
PRT4IE
11
RW
CSD0_DR1_L
51
W
91
RW
STK_PP
D1
RW
PRT4GS
12
RW
CSD0_CNT_L
52
R
92
RW
PRV PP
D2
RW
PRT4DM2
13
RW
CSD0_CR0
53
#
93
RW
IDX_PP
D3
RW
14
RW
CSD0_DR0_H
54
R
94
RW
MVR_PP
D4
RW
15
RW
CSD0_DR1_H
55
W
95
RW
MVW_PP
D5
RW
16
RW
CSD0_CNT_H
56
R
96
RW
I2C
0_CFG
D6
RW
17
RW
CSD0_CR1
57
RW
97
RW
I2C
0_SCR
D7
#
18
RW
CSD1_DR0_L
58
R
98
RW
I2C
0_DR
D8
RW
19
RW
CSD1_DR1_L
59
W
99
RW
I2C
0_MSCR
D9
#
1A
RW
CSD1_CNT_L
5A
R
9A
RW
INT_CLR0
DA
RW
1B
RW
CSD1_CR0
5B
#
9B
RW
INT_CLR1
DB
RW
1C
RW
CSD1_DR0_H
5C
R
9C
RW
INT_CLR
2
DC
RW
1D
RW
CSD1_DR1_H
5D
W
9D
RW
INT_CLR
3
DD
RW
1E
RW
CSD1_CNT_H
5E
R
9E
RW
INT_MSK3
DE
RW
1F
RW
CSD_CR1
5F
RW
9F
RW
INT_MSK
2
DF
RW
DBC00DR0
20
#
AMX_IN
60
RW
A0
INT_MSK0
E0
RW
DBC00DR1
21
W
AMUX_CFG
61
RW
A1
INT_MSK1
E1
RW
DBC00DR2
22
RW
PWM_CR
62
RW
A2
INT_VC
E2
RC
DBC00CR0
23
#
ARF_CR
63
RW
A3
RES_WDT
E3
W
DBC01DR0
24
#
CMP_CR0
64
#
A4
DEC_DH
E4
RW
DBC01DR1
25
W
ASY_CR
65
#
A5
DEC_DL
E5
RW
DBC01DR2
26
RW
CMP_CR1
66
RW
A6
DEC _CR0*
E6
RW
DBC01CR0
27
#
67
RW
A7
DEC_CR1*
E7
RW
DCC02DR0
28
#
ADC0_CR
68
#
A8
W
MUL
0_X
E8
W
DCC02DR1
29
W
ADC1_CR
69
#
A9
W
MUL
0_Y
E9
W
DCC02DR2
2A
RW
SADC_DH
6A
RW
AA
R
MUL
0_DH
EA
R
DCC02CR0
2B
#
SADC_DL
6B
RW
AB
R
MUL
0_DL
EB
R
DCC03DR0
2C
#
TMP_DR0
6C
RW
AC
RW
ACC0_DR1
EC
RW
DCC03DR1
2D
W
TMP_DR1
6D
RW
AD
RW
ACC0_DR0
ED
RW
DCC03DR2
2E
RW
TMP_DR2
6E
RW
AE
RW
ACC0_DR3
EE
RW
DCC03CR0
2F
#
TMP_DR3
6F
RW
AF
RW
ACC0_DR2
EF
RW
DBC10DR0
30
#
70
RW
RDI0RI
B0
RW
CPU A
F0
#
DBC10DR1
31
W
71
RW
RDI0SYN
B1
RW
CPU_T1
F1
#
DBC10DR2
32
RW
ACB00CR1*
72*
RW
RDI0IS
B2
RW
CPU_T2
F2
#
DBC10CR0
33
#
ACB00CR2*
73*
RW
RDI0LT0
B3
RW
CPU_X
F3
#
DBC11DR0
34
#
74
RW
RDI0LT1
B4
RW
CPU PCL
F4
#
DBC11DR1
35
W
75
RW
RDI0RO0
B5
RW
CPU_PCH
F5
#
DBC11DR2
36
RW
ACB01CR1*
76*
RW
RDI0RO1
B6
RW
CPU_SP
F6
#
DBC11CR0
37
#
ACB01CR2*
77*
RW
RDI0DSM
B7
RW
CPU_F
F7
I
DCC12DR0
38
#
78
RW
RDI1RI
B8
RW
CPU_TST0
F8
RW
DCC12DR1
39
W
79
RW
RDI1SYN
B9
RW
CPU_TST1
F9
RW
DCC12DR2
3A
RW
7A
RW
RDI1IS
BA
RW
CPU_TST2
FA
RW
DCC12CR0
3B
#
7B
RW
RDI1LT0
BB
RW
CPU TST3
FB
#
DCC13DR0
3C
#
7C
RW
RDI1LT1
BC
RW
DAC1_D
FC
RW
Shaded fields are Reserved and must not be accessed.
# Access is bit specific. * has a different meaning.
[+] Feedback


Similar Part No. - CY8C22545

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22545 CYPRESS-CY8C22545 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C22545 CYPRESS-CY8C22545 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C22545 CYPRESS-CY8C22545 Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
CY8C22545-24AXI CYPRESS-CY8C22545-24AXI Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
CY8C22545-24AXIT CYPRESS-CY8C22545-24AXIT Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
More results

Similar Description - CY8C22545

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com