Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3082ESTTRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3082ESTTRPBF
Description  200mA Single Resistor Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ESTTRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3082ESTTRPBF Datasheet HTML 7Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 8Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 9Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 10Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 11Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 12Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 13Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 14Page - Linear Technology LT3082ESTTRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3082
11
3082f
APPLICATIONS INFORMATION
two equal inductors in parallel, but placing them in close
proximity gives the wires mutual inductance adding to
the self-inductance. The second and most effective way
to reduce overall inductance is to place both forward and
return current conductors (the input and GND wires) in
very close proximity. Two 30-AWG wires separated by
only 0.02", used as forward- and return-current conduc-
tors, reduce the overall self-inductance to approximately
one-fifth that of a single isolated wire.
If wiring modifications are not permissible for the applica-
tions, including series resistance between the power supply
and the input of the LT3082 also stabilizes the application.
As little as 0.1Ω to 0.5Ω, often less, is effective in damping
the LC resonance. If the added impedance between the
power supply and the input is unacceptable, adding ESR to
the input capacitor also provides the necessary damping of
the LC resonance. However, the required ESR is generally
higher than the series impedance required.
Paralleling Devices
Higher output current is obtained by paralleling multiple
LT3082s together. Tie the individual SET pins together and
tie the individual IN pins together. Connect the outputs in
common using small pieces of PC trace as ballast resistors
to promote equal current sharing. PC trace resistance in
mΩ/inch is shown in Table 2. Ballasting requires only a
tiny area on the PCB.
Table 2. PC Board Trace Resistance
WEIGHT (oz)
10mil WIDTH
20mil WIDTH
1
54.3
27.1
2
27.1
13.6
Trace resistance is measured in mΩ/in
The worst-case room temperature offset, only ±2mV
between the SET pin and the OUT pin, allows the use of
very small ballast resistors.
As shown in Figure 5, each LT3082 has a small 50mΩ
ballast resistor, which at full output current gives better
than 80% equalized sharing of the current. The external
resistance of 50mΩ (25mΩ for the two devices in paral-
lel) adds only about 10mV of output regulation drop at an
output of 0.4A. Even with an output voltage as low as 1V,
this adds only 1% to the regulation. Of course, paralleling
more than two LT3082s yields even higher output current.
Spreading the devices on the PC board also spreads the
heat. Series input resistors can further spread the heat if
the input-to-output difference is high.
Figure 5. Parallel Devices
SET
+
LT3082
10μA
50mΩ
50mΩ
IN
VIN
4.8V TO
40V
VOUT, 3.3V
0.4A
OUT
10μF
1μF
165k
3082 F05
SET
+
LT3082
10μA
IN
OUT
Quieting the Noise
The LT3082 offers numerous noise performance advan-
tages. Every linear regulator has its sources of noise. In
general, a linear regulator’s critical noise source is the
reference. In addition, consider the error amplifier’s noise
contribution along with the resistor divider’s noise gain.
Many traditional low noise regulators bond out the voltage
reference to an external pin (usually through a large value
resistor) to allow for bypassing and noise reduction. The
LT3082 does not use a traditional voltage reference like
other linear regulators. Instead, it uses a 10μA reference
current. The 10μA current source generates noise current
levels of 2.7pA/√Hz (0.7nARMS over the 10Hz to 100kHz
bandwidth). The equivalent voltage noise equals the RMS
noise current multiplied by the resistor value.
The SET pin resistor generates spot noise equal to √4kTR
(k = Boltzmann’s constant, 1.38 • 10–23J/°K, and T is abso-
lute temperature) which is RMS summed with the voltage
noise If the application requires lower noise performance,
bypass the voltage/current setting resistor with a capacitor
to GND. Note that this noise-reduction capacitor increases
start-up time as a factor of the RC time constant.


Similar Part No. - LT3082ESTTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3082 LINER-LT3082 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3082 LINER-LT3082 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3082 LINEAR-LT3082 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3082ESTTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com