Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20636A-24LTXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20636A-24LTXI
Description  CapSense Applications
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20636A-24LTXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20636A-24LTXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 13Page - Cypress Semiconductor CY8C20636A-24LTXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CY8C20X36A/46A/66A/96A
Document Number: 001-54459 Rev. **
Page 10 of 38
24-Pin QFN with USB
Table 4. Pin Definitions - CY8C20396A PSoC Device [2, 3]
Pin No.
Type
Name
Description
Digital
Analog
1
I/O
I
P2[5]
2
I/O
I
P2[3]
3
I/O
I
P2[1]
4
IOHR
I
P1[7]
I2C SCL, SPI SS
5
IOHR
I
P1[5]
I2C SDA, SPI MISO
6
IOHR
I
P1[3]
SPI CLK
7
IOHR
I
P1[1]
ISSP CLK, I2C SCL, SPI MOSI
8
Power
VSS
Ground
9
I/O
I
D+
USB D+
10
I/O
I
D-
USB D-
11
Power
VDD
Supply
12
IOHR
I
P1[0]
ISSP DATA, I2C SDA
13
IOHR
I
P1[2]
14
IOHR
I
P1[4]
Optional external clock input
(EXTCLK)
15
IOHR
I
P1[6]
16
RESET INPUT
XRES
Active high external reset with
internal pull down
17
IOH
I
P0[0]
18
IOH
I
P0[2]
19
IOH
I
P0[4]
20
IOH
I
P0[6]
21
IOH
I
P0[7]
22
IOH
I
P0[5]
23
IOH
I
P0[3]
Integrating input
24
IOH
I
P0[1]
Integrating input
CP
Power
VSS
Thermal pad must be
connected to Ground
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
I2 C SDA, SPI MISO, P1[5]
QFN
( Top View)
I2 C SCL, SPI SS, P1[7]
SPI CLK, P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[0]
XRES
P0[2]
P2[1]
P1[2]
P1[4] , EXTCLK
P1[6]
P2[5]
P2[3]
Figure 4. CY8C20396A PSoC Device
[+] Feedback


Similar Part No. - CY8C20636A-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20636A-24LTXI CYPRESS-CY8C20636A-24LTXI Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20636A-24LTXI CYPRESS-CY8C20636A-24LTXI Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20636A-24LTXI CYPRESS-CY8C20636A-24LTXI Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20636A-24LTXIT CYPRESS-CY8C20636A-24LTXIT Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20636A-24LTXIT CYPRESS-CY8C20636A-24LTXIT Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20636A-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36 CYPRESS-CY8C20X36 Datasheet
706Kb / 39P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com