Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3582EUD-5PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3582EUD-5PBF
Description  I2C Programmable Boost and Single Inductor Inverting DC/DC Converters with OTP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3582EUD-5PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3582EUD-5PBF Datasheet HTML 2Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 3Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 4Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 5Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 6Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 7Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 8Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 9Page - Linear Technology LT3582EUD-5PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3582/LT3582-5/LT3582-12
6
3582512f
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequencies (Figure 13)
Load Regulation (Figure 13)
Output Voltage (Figure 13)
Quiescent Current – Not Switching
Switch Resistance
Switch Current Limit
VOUTP and VOUTN Pin Current
During Normal Operation
Output Disconnect PMOS Current
Limit During Normal Operation
Output Disconnect PMOS
On-Resistance
TA = 25°C unless otherwise noted.
LOAD CURRENT (mA)
0
2040
6080
10
100
1000
10000
100
3582512 G01
VOUTP
VOUTN
LOAD CURRENT (mA)
0
2040
6080
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
100
3582512 G02
VOUTP
VOUTN
TEMPERATURE (°C)
–50
–25
0
50
25
75
100
–0.45
–0.30
–0.15
0
0.15
0.30
0.45
125
3582512 G03
VOUTP
VOUTN
VIN (V)
2.5
3
3.5
4.5
4
5
5.5
250
270
290
310
330
350
370
390
3582512 G04
INPUT VOLTAGE (V)
2.5
3
3.5
4.5
4
5
5.5
0
0.1
0.2
0.3
0.4
0.5
0.6
O.7
3582512 G05
VOUTN
VOUTP
TEMPERATURE (°C)
–50
–25
0
50
25
75
125
100
200
300
400
500
600
700
3582512 G06
SWN
SWP
|VOUT| (V)
0
2.5
5
10
7.5
12.5
15
–20
–40
–60
–80
–100
0
20
40
60
80
3582512 G07
CURRENT OUT
OF VOUTN PIN
CURRENT INTO
VOUTP PIN
VP CODE
SET TO 5V
VP CODE
SET TO 12V
VN CODE
SET TO –5V
VN CODE
SET TO –12V
TEMPERATURE (°C)
–50
–25
0
50
25
75
100
125
120
100
140
160
180
200
3582512 G08
VCAPP (V)
24
8
610
12
0.5
0
1
1.5
2
2.5
3582512 G09


Similar Part No. - LT3582EUD-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-12 LINER-LT3582-12 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
More results

Similar Description - LT3582EUD-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3582-5 LINER-LT3582-5_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582-12 LINER-LT3582-12_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
LT3582 LINER-LT3582_15 Datasheet
326Kb / 28P
   Boost and Single Inductor Inverting DC/DC Converters with Optional I2C Programing and OTP
logo
Torex Semiconductor
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
   Inductor Built-in Inverting ?쐌icro DC/DC??Converters
logo
Linear Technology
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
227Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com