Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C24894-24LTXIT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C24894-24LTXIT
Description  PSoC Programmable System-on-Chip
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C24894-24LTXIT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C24894-24LTXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C24894-24LTXIT Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
CY8C24094, CY8C24794
CY8C24894, CY8C24994
Document Number: 38-12018 Rev. *O
Page 8 of 47
7. Pin Information
This section describes, lists, and illustrates the CY8C24x94 PSoC device family pins and pinout configuration.
The CY8C24x94 PSoC devices are available in the following packages, all of which are shown on the following pages. Every port pin
(labeled with a “P”) is capable of Digital I/O. However, Vss, Vdd, and XRES are not capable of Digital I/O.
Note CY8C24794 must use Power Cycle programming when using the MiniProg.
7.1 56-Pin Part Pinout
Table 7-1. 56-Pin Part Pinout (QFN[2]) See LEGEND details and footnotes in Table 7-2 on page 9.
Pin
No.
Type
Name
Description
Figure 7-1. CY8C24794 56-Pin PSoC Device
Digital Analog
1
I/O
I, M
P2[3] Direct switched capacitor block input.
2
I/O
I, M
P2[1] Direct switched capacitor block input.
3
I/O
M
P4[7]
4
I/O
M
P4[5]
5
I/O
M
P4[3]
6
I/O
M
P4[1]
7
I/O
M
P3[7]
8
I/O
M
P3[5]
9
I/O
M
P3[3]
10
I/O
M
P3[1]
11
I/O
M
P5[7]
12
I/O
M
P5[5]
13
I/O
M
P5[3]
14
I/O
M
P5[1]
15
I/O
M
P1[7] I2C Serial Clock (SCL).
16
I/O
M
P1[5] I2C Serial Data (SDA).
17
I/O
M
P1[3]
18
I/O
M
P1[1] I2C Serial Clock (SCL), ISSP SCLK[1].
19
Power
Vss
Ground connection.
20
USB
D+
21
USB
D-
22
Power
Vdd
Supply voltage.
23
I/O
P7[7]
24
I/O
P7[0]
25
I/O
M
P1[0] I2C Serial Data (SDA), ISSP SDATA[1].
26
I/O
M
P1[2]
27
I/O
M
P1[4] Optional External Clock Input (EXTCLK).
28
I/O
M
P1[6]
29
I/O
M
P5[0]
Pin
No.
Type
Name
Description
30
I/O
M
P5[2]
Digital Analog
31
I/O
M
P5[4]
44
I/O
M
P2[6] External Voltage Reference (VREF) input.
32
I/O
M
P5[6]
45
I/O
I, M
P0[0] Analog column mux input.
33
I/O
M
P3[0]
46
I/O
I, M
P0[2] Analog column mux input.
34
I/O
M
P3[2]
47
I/O
I, M
P0[4] Analog column mux input VREF.
35
I/O
M
P3[4]
48
I/O
I, M
P0[6] Analog column mux input.
36
I/O
M
P3[6]
49
Power
Vdd
Supply voltage.
37
I/O
M
P4[0]
50
Power
Vss
Ground connectI/On.
38
I/O
M
P4[2]
51
I/O
I, M
P0[7] Analog column mux input,.
39
I/O
M
P4[4]
52
I/O
I/O, M
P0[5] Analog column mux input and column output.
40
I/O
M
P4[6]
53
I/O
I/O, M
P0[3] Analog column mux input and column output.
41
I/O
I, M
P2[0] Direct switched capacitor block input.
54
I/O
I, M
P0[1] Analog column mux input.
42
I/O
I, M
P2[2] Direct switched capacitor block input.
55
I/O
M
P2[7]
43
I/O
M
P2[4] External Analog Ground (AGND) input.
56
I/O
MP2[5]
QFN
(Top V ie w )
A, I, M , P2[3]
A, I, M , P2[1]
M,P4[7]
M,P4[5]
M,P4[3]
M,P4[1]
M,P3[7]
M,P3[5]
M,P3[3]
M,P3[1]
M,P5[7]
M,P5[5]
M,P5[3]
M,P5[1]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P2[2], A, I, M
P2[0], A, I, M
P4[6],M
P4[4],M
P4[2],M
P4[0],M
P3[6],M
P3[4],M
P3[2],M
P3[0],M
P5[6],M
P5[4],M
P5[2],M
P5[0],M
42
41
40
39
38
37
36
35
34
33
32
31
30
29
[+] Feedback


Similar Part No. - CY8C24894-24LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24894-24LTXIT CYPRESS-CY8C24894-24LTXIT Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip
More results

Similar Description - CY8C24894-24LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com