Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20424-12LQXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C20424-12LQXI
Description  CapSense PSoC Programmable System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20424-12LQXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C20424-12LQXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20424-12LQXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CY8C20224, CY8C20324
CY8C20424, CY8C20524
Document Number: 001-41947 Rev. *D
Page 6 of 34
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this
document.
Units of Measure
A units of measure table is located in the Electrical Specifications
section. Table 7 on page 13 lists all the abbreviations used to
measure the PSoC devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (for example, 01010100b’ or
‘01000011b’). Numbers not indicated by an ‘h’, ‘b’, or 0x are
decimal.
Table 1. List of Acronyms
Acronym
Description
AC
Alternating Current
API
Application Programming Interface
CPU
Central Processing Unit
DC
Direct Current
GPIO
General Purpose IO
GUI
Graphical User Interface
ICE
In-Circuit Emulator
ILO
Internal Low Speed Oscillator
IMO
Internal Main Oscillator
IO
Input And Output
LSb
Least Significant Bit
LVD
Low Voltage Detect
MSb
Most Significant Bit
POR
Power On Reset
PPOR
Precision Power On Reset
PSoC®
Programmable System-on-Chip®
SLIMO
Slow IMO
SRAM
Static Random Access Memory
[+] Feedback


Similar Part No. - CY8C20424-12LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20424-12LQXI CYPRESS-CY8C20424-12LQXI Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20424-12LQXI CYPRESS-CY8C20424-12LQXI Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20424-12LQXIT CYPRESS-CY8C20424-12LQXIT Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20424-12LQXIT CYPRESS-CY8C20424-12LQXIT Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20424-12LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com