Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CLED03D02 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8CLED03D02
Description  PowerPSoC Intelligent LED Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED03D02 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8CLED03D02 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 13Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 14Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
CY8CLED04D01, CY8CLED04D02
CY8CLED04G01, CY8CLED03D01
CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *G
Page 11 of 52
4.11 Function Pins (FN0[0:3])
The function I/O pins are a set of dedicated control pins used to
perform system level functions with the power peripheral blocks
of the PowerPSoC. These pins are dynamically configurable,
enabling them to perform a multitude of input and output
functions. These I/Os have direct access to the input and output
of the voltage comparators, input of the hysteretic controller, and
output of the digital PWM blocks for the device. The function I/O
pins are register mapped. The microcontroller can control and
read the state of these pins and the interrupt function.
Some of the key system benefits of the function I/O are:
Enabling higher voltage current-sense amplifier as shown in
Figure 4-5
Synchronizing dimming of multiple PowerPSoC controllers as
shown in Figure 4-6
Programmable fail-safe monitor and dedicated shutdown of
hysteretic controller as shown in Figure 4-7
Along with the above functionality, these I/Os also provide
interrupt functionality enabling intelligent system responses to
power control lighting system status.
Figure 4-5. External CSA and FET Application
Figure 4-6. PowerPSoC in Master/Slave Configuration
Figure 4-7. Event Detection
FN0(0)
FN0(3)
FN0(2)
FN0(1)
Hysteretic Mode
Controller 0
External
Gate Drive 0
DAC0
DAC1
HVDD
GD 0
.
.
.
VLED > 32V
External CSA
Rsense
+
-
External FET
{
.
.
.
PowerPSoC
Hysteretic Mode
Controller 3
External
Gate Drive 3
DAC6
DAC7
GD 3
PowerPSoC
(Master)
FN0(0)
FN0(2)
FN0(1)
FN0(3)
FN0(x)
FN0(x)
PowerPSoC
(Slave 1)
Hysteretic
Controller
DIM
PowerPSoC
(Slave 3)
Hysteretic
Controller
DIM
PowerPSoC
(Slave 2)
Hysteretic
Controller
DIM
PowerPSoC
(Slave 0)
Hysteretic
Controller
DIM
FN0(x)
FN0(x)
FN0(0)
Hysteretic Mode
Controller 0
External
Gate Drive 0
.
.
.
Event Detect
Trip
FN0(3)
Hysteretic Mode
Controller 3
Event Detect
Trip
.
.
.
External
Gate Drive 3
GD0
GD3
[+] Feedback


Similar Part No. - CY8CLED03D02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED03D02 CYPRESS-CY8CLED03D02 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03D02 CYPRESS-CY8CLED03D02 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED03D02-56LTXI CYPRESS-CY8CLED03D02-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03D02-56LTXI CYPRESS-CY8CLED03D02-56LTXI Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED03D02-56LTXI CYPRESS-CY8CLED03D02-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED03D02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED04D01 CYPRESS-CY8CLED04D01_11 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED02D01-56LTXI CYPRESS-CY8CLED02D01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
   Intelligent three-color LED driver
logo
Toshiba Semiconductor
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
   Intelligent Stepping Motor Driver
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com