Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3598EUFPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3598EUFPBF
Description  6-String 30mA LED Driver with 1.5% Current Matching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598EUFPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3598EUFPBF Datasheet HTML 2Page - Linear Technology LT3598EUFPBF Datasheet HTML 3Page - Linear Technology LT3598EUFPBF Datasheet HTML 4Page - Linear Technology LT3598EUFPBF Datasheet HTML 5Page - Linear Technology LT3598EUFPBF Datasheet HTML 6Page - Linear Technology LT3598EUFPBF Datasheet HTML 7Page - Linear Technology LT3598EUFPBF Datasheet HTML 8Page - Linear Technology LT3598EUFPBF Datasheet HTML 9Page - Linear Technology LT3598EUFPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3598
6
3598fa
TYPICAL PERFORMANCE CHARACTERISTICS
LED Current vs PWM Duty Cycle
LED Current vs Temperature
LED Current vs CTRL Voltage
LED Current Matching
vs Temperature
OPENLED Sink Current
LED Current Waveforms
(0.1% PWM)
LED Current Waveforms
(90% PWM)
LED Current Waveforms
(0.1% PWM)
LED Current Waveforms
(90% PWM)
PWM DUTY CYCLE (%)
0.01
0.001
1
100
110
0.1
100
3598 G10
0.1
0.01
10
TEMPERATURE (°C)
–50
20.1
20.2
20.0
19.9
050
–25
25
75
100
125
19.8
19.7
20.3
3598 G11
CTRL VOLTAGE (V)
0
15
20
25
1.0
10
5
0
0.2
0.4
0.6
0.8
1.2
3598 G12
TEMPERATURE (°C)
–50
0.5
1.0
0.0
–0.5
050
–25
25
75
100
125
–1.0
–1.5
1.5
3598 G13
TEMPERATURE (°C)
–50
2.0
2.5
1.5
1.0
050
–25
25
75
100
125
0.5
0
3.0
3598 G14
20μs/DIV
PWM
5V/DIV
SW
20V/DIV
ILED1
50mA/DIV
IL
1A/DIV
3598 G15
2μs/DIV
PWM
5V/DIV
SW
20V/DIV
ILED1
50mA/DIV
IL
1A/DIV
3598 G16
100μs/DIV
PWM
5V/DIV
SW
20V/DIV
ILED1
50mA/DIV
IL
1A/DIV
3598 G17
5μs/DIV
PWM
5V/DIV
SW
20V/DIV
ILED1
50mA/DIV
IL
1A/DIV
3598 G18


Similar Part No. - LT3598EUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598EUF-PBF LINER-LT3598EUF-PBF Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598EUF-TRPBF LINER-LT3598EUF-TRPBF Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
More results

Similar Description - LT3598EUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com