Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3598IUFTRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3598IUFTRPBF
Description  6-String 30mA LED Driver with 1.5% Current Matching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598IUFTRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3598IUFTRPBF Datasheet HTML 1Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 2Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 3Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 4Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 5Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 6Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 7Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 8Page - Linear Technology LT3598IUFTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3598
4
3598fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Pin Current
VSHDN = 0V, VIN = 5V
VSHDN = 5V, VIN = 5V
0.1
30
1
60
μA
μA
SHDN Voltage High
1.6
V
SHDN Voltage Low
0.4
V
Soft-Start Charging Current
VSS = 0.1V
5
10
15
μA
PWM Input High Voltage
1V
PWM Input Low Voltage
0.4
V
PWM Pin Bias Current
PWM = 3.3V
0.1
1
μA
SYNC Input High Voltage
1.5
V
SYNC Input Low Voltage
0.4
V
SYNC Pin Bias Current
SYNC = 0V
SYNC = 3.3V
25
0.1
50
1
μA
μA
VO_SW Switch Resistance
1000
Ω
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = VIN unless otherwise noted. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3598E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3598I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Current flows out of FB pin.
Note 4: Current flows out of CTRL pin.
Note 5: Current limit guaranteed by design and/or correlation to static test.
Current limit is independent of duty cycle and is guaranteed by design.


Similar Part No. - LT3598IUFTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598IUF-PBF LINER-LT3598IUF-PBF Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598IUF-TRPBF LINER-LT3598IUF-TRPBF Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
More results

Similar Description - LT3598IUFTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com