Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3082ISTTR Datasheet(PDF) 9 Page - Linear Technology

Part # LT3082ISTTR
Description  200mA Single Resistor Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3082ISTTR Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3082ISTTR Datasheet HTML 5Page - Linear Technology LT3082ISTTR Datasheet HTML 6Page - Linear Technology LT3082ISTTR Datasheet HTML 7Page - Linear Technology LT3082ISTTR Datasheet HTML 8Page - Linear Technology LT3082ISTTR Datasheet HTML 9Page - Linear Technology LT3082ISTTR Datasheet HTML 10Page - Linear Technology LT3082ISTTR Datasheet HTML 11Page - Linear Technology LT3082ISTTR Datasheet HTML 12Page - Linear Technology LT3082ISTTR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3082
9
3082f
APPLICATIONS INFORMATION
Table 1. 1% Resistors for Common Output Voltages
VOUT (V)
RSET (k)
1
100
1.2
121
1.5
150
1.8
182
2.5
249
3.3
332
5
499
With a 10μA current source generating the reference
voltage, leakage paths to or from the SET pin can create
errors in the reference and output voltages. High qual-
ity insulation should be used (e.g., Teflon, Kel-F). The
cleaning of all insulating surfaces to remove fluxes and
other residues may be required. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Minimize board leakage by encircling the SET pin and
circuitry with a guard ring that is operated at a potential
close to itself. Tie the guard ring to the OUT pin. Guarding
both sides of the circuit board is required. Bulk leakage
reduction depends on the guard ring width. 10nA of leak-
age into or out of the SET pin and its associated circuitry
creates a 0.1% reference voltage error. Leakages of this
magnitude, coupled with other sources of leakage, can
cause significant offset voltage and reference drift, es-
pecially over the possible operating temperature range.
Figure 2 depicts an example guard ring layout.
If guard ring techniques are used, this bootstraps any
stray capacitance at the SET pin. Since the SET pin is
a high impedance node, unwanted signals may couple
into the SET pin and cause erratic behavior. This will
be most noticeable when operating with minimum
output capacitors at full load current. The easiest way
to remedy this is to bypass the SET pin with a small
amount of capacitance from SET to ground; 10pF to
20pF is sufficient.
Stability and Output Capacitance
The LT3082 requires an output capacitor for stability. It
is designed to be stable with most low ESR capacitors
(typically ceramic, tantalum or low ESR electrolytic). A
minimum output capacitor of 2.2μF with an ESR of 0.5Ω
or less is recommended to prevent oscillations. Larger
values of output capacitance decrease peak deviations
and provide improved transient response for larger load
current changes. Bypass capacitors, used to decouple
individual components powered by the LT3082, increase
the effective output capacitor value. For improvement in
transient response performance, place a capacitor across
the voltage setting resistor. Capacitors up to 1μF can be
used. This bypass capacitor reduces system noise as well,
but start-up time is proportional to the time constant of
the voltage setting resistor (RSET in Figure 1) and SET pin
bypass capacitor.
Give extra consideration to the use of ceramic capacitors.
Ceramic capacitors are manufactured with a variety of di-
Figure 2. Example Guard Ring Layout for DFN Package
3082 F02
OUT
GND
SET


Similar Part No. - LT3082ISTTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT3082 LINER-LT3082 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3082 LINER-LT3082 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LT3082 LINER-LT3082 Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
logo
Linear Integrated Syste...
LT3082 LINEAR-LT3082 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3082ISTTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com