Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3598EFETRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3598EFETRPBF
Description  6-String 30mA LED Driver with 1.5% Current Matching
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598EFETRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3598EFETRPBF Datasheet HTML 7Page - Linear Technology LT3598EFETRPBF Datasheet HTML 8Page - Linear Technology LT3598EFETRPBF Datasheet HTML 9Page - Linear Technology LT3598EFETRPBF Datasheet HTML 10Page - Linear Technology LT3598EFETRPBF Datasheet HTML 11Page - Linear Technology LT3598EFETRPBF Datasheet HTML 12Page - Linear Technology LT3598EFETRPBF Datasheet HTML 13Page - Linear Technology LT3598EFETRPBF Datasheet HTML 14Page - Linear Technology LT3598EFETRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3598
11
3598fa
Overvoltage Protection
The LT3598 uses the FB pin to provide regulated overvoltage
protection when all LED strings are open. A resistor divider
is connected between the VO_SW pin and ground (Figure
2). There is an internal PMOS switch between VOUT and
VO_SW, which is controlled by the PWM signal. The PMOS
switch addition prevents the feedback resistor divider from
draining the output capacitor during PWM off-period, al-
lowing for a higher dimming range without falsely tripping
the OPENLED flag. It also reduces the system current in
shutdown. This PMOS has about 1k resistance, so select
FB resistors taking this resistance into account.
To set the maximum output voltage, select the values
of R1 and R2 (see Figure 2) according to the following
equation:
VV
R
R
OUT MAX
()
.
=+
⎝⎜
⎠⎟
1 230
1
2
1
APPLICATIONS INFORMATION
Figure 2. Overvoltage Protection
Voltage Feedback Connections
The output voltage should be set higher than the normal
LED string operating voltage. Under normal operation,
LED1 to LED6 pin voltages are monitored and provide
feedback information to the converter for output volt-
age regulation given the programmed LED current. The
maximum output regulation loop is activated only when
all LEDs are open.
Programming Maximum LED Current
Maximum LED current is programmed by placing a resis-
tor between the ISET pin and ground (RISET). The ISET pin
resistor can be selected from 10k to 100k.
The LED current is programmed according to the follow-
ing equation:
I
V
R
LED
ISET
294
See Table 4 and Figure 3 for resistor values and corre-
sponding programmed LED current.
LED current can also be adjusted by programming the
CTRL pin voltage.
Table 4. RISET Value Selection for LED Current
LED CURRENT (mA)
RESISTOR ON ISET PIN (k)
3mA
97.6
10mA
29.4
20mA
14.7
30mA
9.76
Figure 3. RISET Value Selection for LED Current
3598 F02
LT3598
VO_SW
FB
VOUT
R2
R1
RISET (k)
0
20
25
15
10
40
80
20
60
100
5
0
30
3598 F03


Similar Part No. - LT3598EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598EUF-PBF LINER-LT3598EUF-PBF Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598EUF-TRPBF LINER-LT3598EUF-TRPBF Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
More results

Similar Description - LT3598EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Intersil Corporation
ISL97672_1011 INTERSIL-ISL97672_1011 Datasheet
531Kb / 17P
   6-Channel LED Driver Current Matching 짹0.7%
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
SHANGHAI BELLING CO., L...
BL9590 BELLING-BL9590 Datasheet
1Mb / 23P
   Six-String White LED Driver with Active Current
logo
ATMEL Corporation
MSL1060AW ATMEL-MSL1060AW Datasheet
2Mb / 20P
   6-string PWM LED Driver with Digitally Compensated, 1.1MHz 48V Boost Regulator and 짹1.5% LED String Current Balance
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com