Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104L-BA20XCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B104L-BA20XCT
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104L-BA20XCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B104L-BA20XCT Datasheet HTML 3Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 4Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 9Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 10Page - Cypress Semiconductor CY14B104L-BA20XCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
CY14B104L, CY14B104N
Document #: 001-07102 Rev. *L
Page 7 of 25
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65
°C to +150°C
Maximum Accumulated Storage Time
At 150
°C Ambient Temperature ........................ 1000h
At 85
°C Ambient Temperature ...................... 20 Years
Ambient Temperature with
Power Applied ............................................ –55
°C to +150°C
Supply Voltage on VCC Relative to GND ..........–0.5V to 4.1V
Voltage Applied to Outputs
in High-Z State....................................... –0.5V to VCC + 0.5V
Input Voltage.......................................... –0.5V to VCC + 0.5V
Transient Voltage (<20 ns) on
Any Pin to Ground Potential .................. –2.0V to VCC + 2.0V
Package Power Dissipation
Capability (TA = 25°C) ................................................... 1.0W
Surface Mount Pb Soldering
Temperature (3 Seconds) .......................................... +260
°C
DC Output Current (1 output at a time, 1s duration).... 15 mA
Static Discharge Voltage.......................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch Up Current ................................................... > 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
2.7V to 3.6V
Industrial
–40
°C to +85°C
2.7V to 3.6V
DC Electrical Characteristics
Over the Operating Range (VCC = 2.7V to 3.6V)
Parameter
Description
Test Conditions
Min
Max
Unit
ICC1
Average VCC Current
tRC = 20 ns
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads (IOUT = 0 mA)
Commercial
65
65
50
mA
mA
mA
Industrial
70
70
52
mA
mA
mA
ICC2
Average VCC Current
during STORE
All Inputs Don’t Care, VCC = Max
Average current for duration tSTORE
10
mA
ICC3
[10]
Average VCC Current at
tRC= 200 ns, 3V, 25°C
typical
All inputs cycling at CMOS levels.
Values obtained without output loads (IOUT = 0 mA).
35
mA
ICC4
Average VCAP Current
during AutoStore Cycle
All Inputs Don’t Care, VCC = Max
Average current for duration tSTORE
5mA
ISB
VCC Standby Current
CE > (VCC – 0.2V). All others VIN < 0.2V or > (VCC – 0.2V). Standby
current level after nonvolatile cycle is complete.
Inputs are static. f = 0 MHz.
5mA
IIX
[11]
Input Leakage Current
(except HSB)
VCC = Max, VSS < VIN < VCC
–1
+1
μA
Input Leakage Current
(for HSB)
VCC = Max, VSS < VIN < VCC
–100
+1
μA
IOZ
Off-State Output
Leakage Current
VCC = Max, VSS < VOUT < VCC, CE or OE > VIH or BHE/BLE > VIH
or WE < VIL
–1
+1
μA
VIH
Input HIGH Voltage
2.0
VCC +
0.5
V
VIL
Input LOW Voltage
VSS – 0.5
0.8
V
VOH
Output HIGH Voltage
IOUT = –2 mA
2.4
V
VOL
Output LOW Voltage
IOUT = 4 mA
0.4
V
VCAP
[12]
Storage Capacitor
Between VCAP pin and VSS, 5V Rated
61
180
μF
Notes
10. Typical conditions for the active current shown on the DC Electrical characteristics are average values at 25°C (room temperature), and VCC = 3V. Not 100% tested.
11. The HSB pin has IOUT = -2 μA for VOH of 2.4V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.
12. VCAP (Storage capacitor) nominal value is 68 μF.
[+] Feedback


Similar Part No. - CY14B104L-BA20XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L-BA25XI CYPRESS-CY14B104L-BA25XI Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L-BA25XIT CYPRESS-CY14B104L-BA25XIT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104L-BA20XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com