Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C27543-24AXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C27543-24AXIT
Description  PSoC Programmable System-on-Chip
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27543-24AXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C27543-24AXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C27543-24AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
PSoC® Programmable System-on-Chip™
CY8C27143, CY8C27243
CY8C27443, CY8C27543, CY8C27643
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12012 Rev. *M
Revised April 17, 2009
Features
Powerful Harvard Architecture Processor
M8C Processor Speeds to 24 MHz
8x8 Multiply, 32-Bit Accumulate
Low Power at High Speed
3.0 to 5.25V Operating Voltage
Operating Voltages Down to 1.0V Using On-Chip Switch
Mode Pump (SMP)
Industrial Temperature Range: -40°C to +85°C
Advanced Peripherals (PSoC® Blocks)
12 Rail-to-Rail Analog PSoC Blocks Provide:
• Up to 14-Bit ADCs
• Up to 9-Bit DACs
• Programmable Gain Amplifiers
• Programmable Filters and Comparators
8 Digital PSoC Blocks Provide:
• 8- to 32-Bit Timers, Counters, and PWMs
• CRC and PRS Modules
• Up to 2 Full-Duplex UARTs
• Multiple SPI
™ Masters or Slaves
• Connectable to all GPIO Pins
Complex Peripherals by Combining Blocks
Precision, Programmable Clocking
Internal 2.5% 24/48 MHz Oscillator
24/48 MHz with Optional 32 kHz Crystal
Optional External Oscillator, up to 24 MHz
Internal Oscillator for Watchdog and Sleep
Flexible On-Chip Memory
16K Flash Program Storage 50,000 Erase/Write Cycles
256 Bytes SRAM Data Storage
In-System Serial Programming (ISSP)
Partial Flash Updates
Flexible Protection Modes
EEPROM Emulation in Flash
Programmable Pin Configurations
a. 25 mA Sink on all GPIO
b. Pull up, Pull down, High Z, Strong, or Open Drain Drive
Modes on all GPIO
c. Up to 12 Analog Inputs on GPIO
d. Four 30 mA Analog Outputs on GPIO
e. Configurable Interrupt on all GPIO
Additional System Resources
I2C Slave, Master, and Multi-Master to 400 kHz
Watchdog and Sleep Timers
User-Configurable Low Voltage Detection
Integrated Supervisory Circuit
On-Chip Precision Voltage Reference
Complete Development Tools
Free Development Software (PSoC Designer™)
Full Featured, In-Circuit Emulator and Programmer
Full Speed Emulation
Complex Breakpoint Structure
128K Trace Memory
DIGITAL SYSTEM
SRAM
256 Bytes
Interrupt
Controller
Sleep and
Watchdog
Multiple ClockSources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
PSoC
CORE
CPUCore(M8C)
SROM
Flash 16K
Digital
Block
Array
Multiply
Accum.
Switch
Mode
Pump
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
Decimator
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref.
Analog
Input
Muxing
I C
2
Port 4 Port 3 Port 2 Port 1 Port 0
Analog
Drivers
System Bus
Analog
Block
Array
Port 5
Logic Block Diagram
[+] Feedback


Similar Part No. - CY8C27543-24AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543-24AXIT CYPRESS-CY8C27543-24AXIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543-24AXIT CYPRESS-CY8C27543-24AXIT Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27543-24AXIT CYPRESS-CY8C27543-24AXIT Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27543-24AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com