Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C27643-24PVXIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C27643-24PVXIT
Description  PSoC Programmable System-on-Chip
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27643-24PVXIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C27643-24PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 11Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 12Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 13Page - Cypress Semiconductor CY8C27643-24PVXIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543, CY8C27643
Document Number: 38-12012 Rev. *M
Page 10 of 53
44-Pin Part Pinout
Table 6. Pin Definitions - 44-Pin TQFP
Pin
No.
Type
Pin Name
Description
Figure 6. CY8C27543 44-Pin PSoC Device
Digital
Analog
1
IO
P2[5]
2
IO
I
P2[3]
Direct switched capacitor block input.
3
IO
I
P2[1]
Direct switched capacitor block input.
4
IO
P4[7]
5
IO
P4[5]
6
IO
P4[3]
7
IO
P4[1]
8
Power
SMP
Switch Mode Pump (SMP) connection to external
components required.
9
IO
P3[7]
10
IO
P3[5]
11
IO
P3[3]
12
IO
P3[1]
13
IO
P1[7]
I2C Serial Clock (SCL).
14
IO
P1[5]
I2C Serial Data (SDA).
15
IO
P1[3]
16
IO
P1[1]
Crystal Input (XTALin), I2C Serial Clock (SCL),
ISSP-SCLK*.
17
Power
Vss
Ground connection.
18
IO
P1[0]
Crystal Output (XTALout), I2C Serial Data (SDA),
ISSP-SDATA*.
19
IO
P1[2]
20
IO
P1[4]
Optional External Clock Input (EXTCLK).
21
IO
P1[6]
22
IO
P3[0]
23
IO
P3[2]
24
IO
P3[4]
25
IO
P3[6]
26
Input
XRES
Active high external reset with internal pull down.
27
IO
P4[0]
28
IO
P4[2]
29
IO
P4[4]
30
IO
P4[6]
31
IO
I
P2[0]
Direct switched capacitor block input.
32
IO
I
P2[2]
Direct switched capacitor block input.
33
IO
P2[4]
External Analog Ground (AGND).
34
IO
P2[6]
External Voltage Reference (VRef).
35
IO
I
P0[0]
Analog column mux input.
36
IO
IO
P0[2]
Analog column mux input and column output.
37
IO
IO
P0[4]
Analog column mux input and column output.
38
IO
I
P0[6]
Analog column mux input.
39
Power
Vdd
Supply voltage.
40
IO
I
P0[7]
Analog column mux input.
41
IO
IO
P0[5]
Analog column mux input and column output.
42
IO
IO
P0[3]
Analog column mux input and column output.
43
IO
I
P0[1]
Analog column mux input.
44
IO
P2[7]
LEGEND: A = Analog, I = Input, and O = Output.
* These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
TQFP
P2[5]
P2[4],ExternalAGND
A, I, P2[3]
P2[2], A, I
A, I, P2[1]
P2[0], A, I
P4[7]
P4[6]
P4[5]
P4[4]
P4[3]
P4[2]
P4[1]
P4[0]
SMP
XRES
P3[7]
P3[6]
P3[5]
P3[4]
P3[3]
P3[2]
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
[+] Feedback


Similar Part No. - CY8C27643-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27643-24PVXIT CYPRESS-CY8C27643-24PVXIT Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27643-24PVXIT CYPRESS-CY8C27643-24PVXIT Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27643-24PVXIT CYPRESS-CY8C27643-24PVXIT Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27643-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com