Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101Q2-LHXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY14B101Q2-LHXC
Description  1 Mbit (128K x 8) Serial SPI nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101Q2-LHXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY14B101Q2-LHXC Datasheet HTML 1Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 2Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 3Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 4Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 5Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 6Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 7Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 8Page - Cypress Semiconductor CY14B101Q2-LHXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PRELIMINARY
CY14B101Q1
CY14B101Q2
CY14B101Q3
Document #: 001-50091 Rev. *B
Page 2 of 22
Pinouts
Figure 1. Pin Diagram - 8-Pin DFN[1, 3, 2]
Figure 2. Pin Diagram - 16-Pin SOIC
Table 1. Pin Definitions
Pin Name
I/O Type
Description
CS
Input
Chip Select. Activates the device when pulled LOW. Driving this pin high puts the device in low
power standby mode.
SCK
Input
Serial Clock. Runs at speeds up to max 40 MHz. All inputs are latched at the rising edge of this
clock. Outputs are driven at the falling edge of the clock.
SI
Input
Serial Input. Pin for input of all SPI instructions and data.
SO
Output
Serial Output. Pin for output of data through SPI.
WP
Input
Write Protect. Implements hardware write protection in SPI.
HOLD
Input
HOLD Pin. Suspends Serial Operation.
HSB
Input/Output
Hardware STORE Busy: A weak internal pull up keeps this pin pulled high. If not used, this pin is
left as No Connect.
Output: Indicates busy status of nvSRAM when LOW.
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power Supply
AutoStore Capacitor. Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If AutoStore is not needed, this pin must be left as No Connect. It
must never be connected to GND.
NC
No Connect
No Connect: This pin is not connected to the die.
GND
Power Supply
Ground
VCC
Power Supply
Power Supply (2.7 to 3.6V)
CY14B101Q1
Top View
not to scale
CS
SO
WP
GND
VCC
HOLD
SCK
SI
1
2
3
45
6
7
8
CY14B101Q2
Top View
not to scale
CS
SO
VCAP
GND
VCC
HOLD
SCK
SI
1
2
3
45
6
7
8
NC
GND
WP
VCAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
SO
SI
SCK
CS
HSB
NC
NC
NC
HOLD
NC
CY14B101Q3
Top View
not to scale
Notes
1. HSB pin is not available in 8 DFN packages.
2. CY14B101Q1 part does not have VCAP pin and does not support AutoStore.
3. CY14B101Q2 part does not have WP pin
[+] Feedback


Similar Part No. - CY14B101Q2-LHXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q2-LHXI CYPRESS-CY14B101Q2-LHXI Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q2-LHXI CYPRESS-CY14B101Q2-LHXI Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q2-LHXI CYPRESS-CY14B101Q2-LHXI Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14B101Q2-LHXIT CYPRESS-CY14B101Q2-LHXIT Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
More results

Similar Description - CY14B101Q2-LHXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com