Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101L-SP35XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101L-SP35XI
Description  1 Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SP35XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101L-SP35XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SP35XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CY14B101L
1 Mbit (128K x 8) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-06400 Rev. *J
Revised April 20, 2009
Features
25 ns, 35 ns, and 45 ns Access Times
Pin compatible with STK14CA8
Hands off Automatic STORE on Power Down with only a small
Capacitor
STORE to QuantumTrap™ Nonvolatile Elements is initiated by
software, hardware, or AutoStore™ on Power Down
RECALL to SRAM initiated by Software or Power Up
Unlimited READ, WRITE, and RECALL Cycles
200,000 STORE Cycles to QuantumTrap
20 year Data Retention at 55°C
Single 3V +20%, –10% Operation
Commercial and Industrial Temperature
32-pin (300 mil) SOIC and 48-pin (300 mil) SSOP packages
RoHS Compliance
Functional Description
The Cypress CY14B101L is a fast static RAM with a nonvolatile
element in each memory cell. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM provides
unlimited read and write cycles, while independent, nonvolatile
data resides in the highly reliable QuantumTrap cell. Data
transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power down. On
power up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
1024 X 1024
QuantumTrap
1024 x 1024
STORE
RECALL
COLUMN IO
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A15
- A0
A0 A1 A2 A3 A4 A10A11
A5
A6
A7
A8
A9
A12
A13
A14
A15
A16
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback


Similar Part No. - CY14B101L-SP35XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SP35XCT CYPRESS-CY14B101L-SP35XCT Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SP35XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com