Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101Q3-SFXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B101Q3-SFXI
Description  1 Mbit (128K x 8) Serial SPI nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101Q3-SFXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B101Q3-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 9Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 10Page - Cypress Semiconductor CY14B101Q3-SFXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PRELIMINARY
CY14B101Q1
CY14B101Q2
CY14B101Q3
Document #: 001-50091 Rev. *B
Page 7 of 22
SPI Operating Features
Power Up
Power up is defined as the condition when the power supply is
turned on and VCC crosses Vswitch voltage. During this time, the
Chip Select (CS) must be allowed to follow the VCC voltage.
Therefore, CS must be connected to VCC through a suitable pull
up resistor. As a built-in safety feature, Chip Select (CS) is both
edge sensitive and level sensitive. After power up, the device is
not selected until a falling edge is detected on Chip Select (CS).
This ensures that Chip Select (CS) must have been HIGH,
before going Low to start the first operation.
As described earlier, nvSRAM performs a Power Up Recall
operation after power up and therefore, all memory accesses are
disabled for tRECALL duration after power up. The HSB pin can
be probed to check the ready or busy status of nvSRAM after
power up.
Power On Reset
A Power On Reset (POR) circuit is included to prevent
inadvertent writes. At power up, the device does not respond to
any instruction until the VCC reaches the Power On Reset
threshold voltage (VSWITCH). After VCC transitions the POR
threshold, the device is internally reset and performs an Power
Up Recall operation. The device is in the following state after
POR:
Deselected (after Power up, a falling edge is required on Chip
Select (CS) before any instructions are started).
Standby Power mode
Not in the Hold Condition
Status register state:
Write Enable (WEN) bit is reset to 0.
WPEN, BP1, BP0 unchanged from previous power down
The WPEN, BP1, and BP0 bits of the Status Register are nonvol-
atile bits and remain unchanged from the previous power down.
Before selecting and issuing instructions to the memory, a valid
and stable VCC voltage must be applied. This voltage must
remain valid until the end of the transmission of the instruction.
Power Down
At power down (continuous decay of VCC), when VCC drops from
the normal operating voltage and below the VSWITCH threshold
voltage, the device stops responding to any instruction sent to it.
If a write cycle is in progress during power down, it is allowed
tDELAY time to complete after Vcc transitions below VSWITCH,
after which all memory accesses are inhibited and a conditional
AutoStore operation is performed (AutoStore is not performed if
no writes have happened since last RECALL cycle). This feature
prevents inadvertent writes to nvSRAM from happening during
power down.
However, to completely avoid the possibility of inadvertent writes
during power down, ensure that the device is deselected and is
in Standby Power Mode, and the Chip Select (CS) follows the
voltage applied on VCC.
Active Power and Standby Power Modes
When Chip Select (CS) is LOW, the device is selected, and is in
the Active Power mode. The device consumes ICC current, as
specified in DC Electrical Characteristics on page 13. When Chip
Select (CS) is HIGH, the device is deselected and the device
goes into the Standby Power mode if a STORE or RECALL cycle
is not in progress. If a STORE or RECALL cycle is in progress,
device goes into the Standby Power Mode after the STORE or
RECALL cycle is completed. In the Standby Power mode, the
current drawn by the device drops to ISB.
SPI Functional Description
The CY14B101Q1/CY14B101Q2/CY14B101Q3 uses an 8-bit
instruction register. Instructions and their opcodes are listed in
Table 3. All instructions, addresses, and data are transferred with
the MSB first and start with a HIGH to LOW CS transition. There
are, in all, 12 SPI instructions which provide access to most of
the functions in nvSRAM. Further, the WP and HOLD pins
provide additional functionality driven through hardware.
The SPI instructions are divided based on their functionality in
the following types:
Status Register Access: WRSR and RDSR instructions
Write Protection Functions: WREN and WRDI instructions
along with WP pin and WEN, BP0, and BP1 bits
SRAM memory Access: READ and WRITE instructions
nvSRAM special instructions: STORE, RECALL, ASENB,
and ASDISB
Table 3. Instruction Set
Instruction
Category
Instruction
Name
Opcode
Operation
Status Register
Control Instruc-
tions
WREN
0000 0110 Set Write Enable
Latch
WRDI
0000 0100
Reset Write
Enable Latch
RDSR
0000 0101
Read Status
Register
WRSR
0000 0001
Write Status
Register
SRAM
Read/Write
Instructions
READ
0000 0011 Read Data From
Memory Array
WRITE
0000 0010
Write Data To
Memory Array
Special NV
Instructions
STORE
0011 1100 Software STORE
RECALL
0110 0000
Software
RECALL
ASENB
0101 1001 AutoStore Enable
ASDISB
0001 1001 AutoStore Disable
Reserved
- Reserved - 0001 1110
Reserved for
Internal use
[+] Feedback


Similar Part No. - CY14B101Q3-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q3-SFXI CYPRESS-CY14B101Q3-SFXI Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q3-SFXIT CYPRESS-CY14B101Q3-SFXIT Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
More results

Similar Description - CY14B101Q3-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com