Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104LA-BA20XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B104LA-BA20XI
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104LA-BA20XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B104LA-BA20XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 9Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 10Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 11Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 12Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 13Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 14Page - Cypress Semiconductor CY14B104LA-BA20XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CY14B104LA, CY14B104NA
Document #: 001-49918 Rev. *B
Page 11 of 23
Figure 7. SRAM Read Cycle #2: CE and OE Controlled[3, 12, 16]
Figure 8. SRAM Write Cycle #1: WE Controlled[3, 15, 16, 17]
Address Valid
Address
Data Output
Output Data Valid
Standby
Active
High Impedance
CE
OE
BHE, BLE
ICC
t
HZCE
t
RC
t
ACE
t
AA
t
LZCE
t
DOE
t
LZOE
t
DBE
t
LZBE
t
PU
t
PD
t
HZBE
t
HZOE
Data Output
Data Input
Input Data Valid
High Impedance
Address Valid
Address
Previous Data
t
WC
t
SCE
t
HA
t
BW
t
AW
t
PWE
t
SA
t
SD
t
HD
t
HZWE
t
LZWE
WE
BHE, BLE
CE
Note
17. CE or WE must be >VIH during address transitions.
[+] Feedback


Similar Part No. - CY14B104LA-BA20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA-BA25XI CYPRESS-CY14B104LA-BA25XI Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA-BA25XI CYPRESS-CY14B104LA-BA25XI Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104LA-BA25XI CYPRESS-CY14B104LA-BA25XI Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA-BA25XI CYPRESS-CY14B104LA-BA25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104LA-BA25XIT CYPRESS-CY14B104LA-BA25XIT Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104LA-BA20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com